Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput, 24-Bit - ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 2 Page - Analog Devices

  AD7738 Datasheet HTML 1Page - Analog Devices AD7738 Datasheet HTML 2Page - Analog Devices AD7738 Datasheet HTML 3Page - Analog Devices AD7738 Datasheet HTML 4Page - Analog Devices AD7738 Datasheet HTML 5Page - Analog Devices AD7738 Datasheet HTML 6Page - Analog Devices AD7738 Datasheet HTML 7Page - Analog Devices AD7738 Datasheet HTML 8Page - Analog Devices AD7738 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. 0
–2–
AD7738–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions/Comment
ADC PERFORMANCE—
CHOPPING ENABLED
Conversion Time Rate
372
12190
Hz
Configure via Conversion Time Register
No Missing Codes
1
24
Bits
FW
≥ 6 (Conversion Time ≥ 165 µs)
See Typical Performance Characteristics
Output Noise
See Table I
Resolution
See Tables II and III
Integral Nonlinearity (INL)
±0.0015
% of FSR
AIN Range =
±2.5 V
±0.0015
% of FSR
AIN Range =
±1.25 V
Offset Error (Unipolar, Bipolar)
2
±10
µV
Before Calibration
Offset Drift vs. Temperature
1
±280
nV/
°C
Gain Error
2
±0.2
%
Before Calibration
Gain Drift vs. Temperature
1
±2.5
ppm of FS/ C
Positive Full-Scale Error
2
±0.2
% of FSR
Before Calibration
Positive Full-Scale Drift vs. Temperature
1
±2.5
ppm of FS/ C
Bipolar Negative Full-Scale Error
3
±0.0030
% of FSR
After Calibration
3
Common-Mode Rejection
80
100
dB
At DC, AIN = 1 V
Power Supply Rejection
70
80
dB
At DC, AIN = 1 V
ADC PERFORMANCE—
CHOPPING DISABLED
Conversion Time Rate
737
15437
Hz
Configure via Conversion Time Register
No Missing Codes
1
24
Bits
FW
≥ 8 (Conversion Time ≥ 117 µs)
See Typical Perfomance Charateristics
Output Noise
See Table IV
Resolution
See Tables V and VI
Integral Nonlinearity (INL)
±0.0015
% of FSR
Offset Error (Unipolar, Bipolar)
4
± 1mV
Before Calibration
Offset Drift vs. Temperature
±1.5
µV/ C
Gain Error
2
±0.2
%
Before Calibration
Gain Drift vs. Temperature
±2.5
ppm of FS/ C
Positive Full-Scale Error
2
±0.2
% of FSR
Before Calibration
Positive Full-Scale Drift vs. Temperature
±2.5
ppm of FS/ C
Bipolar Negative Full-Scale Error
3
±0.0030
% of FSR
After Calibration
3
Common-Mode Rejection
75
dB
At DC, AIN = 1 V
Power Supply Rejection
65
dB
At DC, AIN = 1 V
ANALOG INPUTS
Analog Input Voltage Ranges
1, 5
±2.5 V Range
–2.9
±2.5
+2.9
V
+2.5 V Range
0
0 to 2.5
2.9
V
±1.25 V Range
–1.45
±1.25
+1.45
V
+1.25 V Range
0
0 to 1.25 1.45
V
±0.625 V Range
–725
±625
+725
mV
+0.625 V Range
0
0 to 625
725
mV
AIN, AINCOM Common-Mode Voltage
1
0.2
AVDD – 0.3 V
AIN, AINCOM Input Current
6
200
nA
Only One Channel, Chop Disabled
AIN to MUXOUT On Resistance
1
200
REFERENCE INPUT
REFIN(+) to REFIN(–) Voltage
1, 7
2.475
2.5
2.525
V
NOREF Trigger Voltage
0.5
V
NOREF Bit in Channel Status Register
REFIN(+), REFIN(–)
Common-Mode Voltage
1
0AVDD
V
Reference Input Current
8
400
µA
SYSTEM CALIBRATION1, 9
Full Scale Calibration Limit
+1.05
FS V
Zero Scale Calibration Limit
–1.05
FS
V
Input Span
0.8
FS
2.1
FS
V
(–40 C to +105 C, AVDD = 5 V
5%, DVDD = 2.7 V to 3.6 V or 5 V
5%,
REFIN(+) = 2.5 V, REFIN(–) = 0 V, AINCOM = 2.5 V, MUXOUT(+) = ADCIN(+), MUXOUT(–) = ADCIN(–), Internal Buffer ON, AIN Range =
1.25 V,
fMCLK = 6.144 MHz; unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com