Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput, 24-Bit - ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7738 Datasheet HTML 12Page - Analog Devices AD7738 Datasheet HTML 13Page - Analog Devices AD7738 Datasheet HTML 14Page - Analog Devices AD7738 Datasheet HTML 15Page - Analog Devices AD7738 Datasheet HTML 16Page - Analog Devices AD7738 Datasheet HTML 17Page - Analog Devices AD7738 Datasheet HTML 18Page - Analog Devices AD7738 Datasheet HTML 19Page - Analog Devices AD7738 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
REV. 0
–16–
AD7738
Channel Status Registers
8 Bits, Read-Only Register, Address 20h–27h, Default Value 20h
Channel Number
These registers contain individual channel status information and some general AD7738 status information. Reading the Status
registers can be associated with reading the Data registers in the Dump mode. Reading the Status registers is always associated with
reading the Data registers in the Continuous Read mode. See the Digital Interface Description section for more details.
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
CH2
CH1
CH0
0/P0
RDY/P1
NOREF
SIGN
OVR
Default
Channel Number
0
0
0
0
0
Bit
Mnemonic
Description
7–5
CH2–CH0
These bits reflect the channel number. This can be used for current channel identification and easier
operation in the Dump mode and Continuous Read mode.
40/P0
When the Status Option bit in the corresponding Channel Setup register is reset to 0, this bit is read
as a zero. When the Status Option bit in set to 1, this bit reflects the state of the P0 output pin.
3
RDY/P1
When the Status Option bit in the corresponding Channel Setup register is reset to 0, this bit reflects the
selected channel RDY bit in the ADC Status register. When the Status Option bit is set to 1, this
bit reflects the state of the P1 pin whether it is configured as an input or output.
2
NOREF
This bit indicates the reference input status. If the voltage between the REFIN+ and REFIN– pins is less
than the NOREF trigger voltage, then the NOREF bit goes to a 1.
1
SIGN
The voltage polarity at the analog input. Will be 0 for a positive voltage; will be 1 for a negative voltage.
0
OVR
This bit reflects either overrange or underrange on an analog input. The bit is set to 1 when the analog
input voltage goes over or under the Nominal Voltage Range. See the Analog Inputs Extended Voltage
Range section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com