Electronic Components Datasheet Search
  English  ▼

X  

INA141P Datasheet(PDF) 3 Page - Texas Instruments

Part # INA141P
Description  Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA141P Datasheet(HTML) 3 Page - Texas Instruments

  INA141P Datasheet HTML 1Page - Texas Instruments INA141P Datasheet HTML 2Page - Texas Instruments INA141P Datasheet HTML 3Page - Texas Instruments INA141P Datasheet HTML 4Page - Texas Instruments INA141P Datasheet HTML 5Page - Texas Instruments INA141P Datasheet HTML 6Page - Texas Instruments INA141P Datasheet HTML 7Page - Texas Instruments INA141P Datasheet HTML 8Page - Texas Instruments INA141P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
®
INA141
3
J
V
–
IN
V
+
IN
V–
J
V+
V
O
Ref
1
2
3
4
8
7
6
5
Top View
PIN CONFIGURATION
8-Pin DIP and SO-8
Supply Voltage ..................................................................................
±18V
Analog Input Voltage Range .............................................................
±40V
Output Short-Circuit (to ground) .............................................. Continuous
Operating Temperature ................................................. –40
°C to +125°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
INA141PA
8-Pin Plastic DIP
006
–40
°C to +85°C
INA141P
8-Pin Plastic DIP
006
–40
°C to +85°C
INA141UA
SO-8 Surface-Mount
182
–40
°C to +85°C
INA141U
SO-8 Surface-Mount
182
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com