Electronic Components Datasheet Search
  English  ▼

X  

INA141P Datasheet(PDF) 4 Page - Texas Instruments

Part # INA141P
Description  Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA141P Datasheet(HTML) 4 Page - Texas Instruments

  INA141P Datasheet HTML 1Page - Texas Instruments INA141P Datasheet HTML 2Page - Texas Instruments INA141P Datasheet HTML 3Page - Texas Instruments INA141P Datasheet HTML 4Page - Texas Instruments INA141P Datasheet HTML 5Page - Texas Instruments INA141P Datasheet HTML 6Page - Texas Instruments INA141P Datasheet HTML 7Page - Texas Instruments INA141P Datasheet HTML 8Page - Texas Instruments INA141P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
®
INA141
4
TYPICAL PERFORMANCE CURVES
At TA = +25°C and VS = ±15V, unless otherwise noted.
GAIN vs FREQUENCY
60
50
40
30
20
10
0
–10
–20
Frequency (Hz)
1k
10k
100k
1M
10M
G = 100V/V
G = 10V/V
POSITIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
G = 100V/V
G = 10V/V
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE, V
S = ±5, ±2.5V
Output Voltage (V)
–5
5
4
3
2
1
0
–1
–2
–3
–4
–5
–4
–3
–2
–1
0
1
2
3
4
5
V
S = ±5V
V
S = ±2.5V
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
10
100
10k
1M
1k
140
120
100
80
60
40
20
0
100k
G = 10V/V
G = 100V/V
NEGATIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
G = 100V/V
G = 10V/V
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE, V
S = ±15V
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
VD/2
–
+
–
+
VCM
VO
VD/2
Ref
–15V
+15V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com