Electronic Components Datasheet Search
  English  ▼

X  

INA141P Datasheet(PDF) 7 Page - Texas Instruments

Part # INA141P
Description  Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA141P Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA141P Datasheet HTML 3Page - Texas Instruments INA141P Datasheet HTML 4Page - Texas Instruments INA141P Datasheet HTML 5Page - Texas Instruments INA141P Datasheet HTML 6Page - Texas Instruments INA141P Datasheet HTML 7Page - Texas Instruments INA141P Datasheet HTML 8Page - Texas Instruments INA141P Datasheet HTML 9Page - Texas Instruments INA141P Datasheet HTML 10Page - Texas Instruments INA141P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
®
INA141
7
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C and VS = ±15V, unless otherwise noted.
G = 10
G = 100
G = 10
G = 100
5
µs/div
5
µs/div
LARGE-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
VOLTAGE NOISE 0.1 to 10Hz
INPUT-REFERRED, G = 100
1s/div
0.1
µV/div
20mV/div
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com