Electronic Components Datasheet Search
  English  ▼

X  

18F8680 Datasheet(PDF) 173 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 173 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 169Page - Microchip Technology 18F8680 Datasheet HTML 170Page - Microchip Technology 18F8680 Datasheet HTML 171Page - Microchip Technology 18F8680 Datasheet HTML 172Page - Microchip Technology 18F8680 Datasheet HTML 173Page - Microchip Technology 18F8680 Datasheet HTML 174Page - Microchip Technology 18F8680 Datasheet HTML 175Page - Microchip Technology 18F8680 Datasheet HTML 176Page - Microchip Technology 18F8680 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 171
PIC18F6585/8585/6680/8680
15.3
Compare Mode
In Compare mode, the 16-bit CCPRx register value is
constantly compared against either the TMR1 register
pair value or the TMR3 register pair value. When a
match occurs, the CCPx pin can have one of the
following actions:
• Driven high
•Driven low
• Toggle output (high-to-low or low-to-high)
• Remains unchanged
The action on the pin is based on the value of control
bits, CCPxM3:CCPxM0. At the same time, interrupt
flag bit, CCPxIF, is set.
When configured to drive the CCP pin, the CCP1 pin
cannot be changed; CCP1 module controls the pin.
15.3.1
CCP PIN CONFIGURATION
The user must configure the CCPx pin as an output by
clearing the appropriate TRIS bit.
By default, the CCP2 pin is multiplexed with RC1.
Alternately, it can also be multiplexed with either RB3
or RE7. This is done by changing the CCP2MX
configuration bit.
15.3.2
TIMER1/TIMER3 MODE SELECTION
The timer used with each CCP module is selected in
the T3CCP2:T3CCP1 bits of the T3CON register.
Timer1 and/or Timer3 must be running in Timer mode,
or Synchronized Counter mode, if the CCP module is
using the compare feature. In Asynchronous Counter
mode, the compare operation may not work.
15.3.3
SOFTWARE INTERRUPT MODE
When generate software interrupt is chosen, the CCPx
pin is not affected. Only a CCP interrupt is generated (if
enabled).
15.3.4
SPECIAL EVENT TRIGGER
In this mode, an internal hardware trigger is generated
which may be used to initiate an action.
The special event trigger output of CCP1 resets either
the TMR1 or TMR3 register pair. This allows the CCPR1
register to effectively be a 16-bit programmable period
register for TMR1 or TMR3.
Additionally, the CCP2 special event trigger will start an
A/D conversion if the A/D module is enabled.
FIGURE 15-2:
COMPARE MODE OPERATION BLOCK DIAGRAM
Note:
Clearing the CCPxCON register will force
the CCPx compare output latch to the
default low level. This is not the data latch.
Note:
The special event trigger from the CCPx
module will not set the Timer1 or Timer3
interrupt flag bits.
CCPR1H CCPR1L
TMR1H
TMR1L
Comparator
QS
R
Output
Logic
Set Flag bit CCP1IF
Match
RC2/CCP1 pin
TRISC<2>
CCP1CON<3:0>
Mode Select
Output Enable
Special Event Trigger will:
Reset Timer1 or Timer3, but not set Timer1 or Timer3 interrupt flag bit
and set bit GO/DONE (ADCON0<2>)
which starts an A/D conversion (CCP2 only)
TMR3H
TMR3L
T3CCP2
CCPR2H CCPR2L
Comparator
1
0
T3CCP2
T3CCP1
QS
R
Output
Logic
Special Event Trigger
Set Flag bit CCP2IF
Match
RC1/CCP2 pin
TRISC<1>
CCP2CON<3:0>
Mode Select
Output Enable
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com