Electronic Components Datasheet Search
  English  ▼

X  

PIC24FJ16GA Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC24FJ16GA
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 25Page - Microchip Technology PIC24FJ16GA Datasheet HTML 26Page - Microchip Technology PIC24FJ16GA Datasheet HTML 27Page - Microchip Technology PIC24FJ16GA Datasheet HTML 28Page - Microchip Technology PIC24FJ16GA Datasheet HTML 29Page - Microchip Technology PIC24FJ16GA Datasheet HTML 30Page - Microchip Technology PIC24FJ16GA Datasheet HTML 31Page - Microchip Technology PIC24FJ16GA Datasheet HTML 32Page - Microchip Technology PIC24FJ16GA Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
© 2008 Microchip Technology Inc.
DS39768D-page 29
PIC24FJXXXGA0XX
4.4
Blank Check
The term “Blank Check” implies verifying that the
device has been successfully erased and has no
programmed memory locations. A blank or erased
memory location is always read as ‘1’.
The Device ID registers (FF0002h:FF0000h) can be
ignored by the Blank Check since this region stores
device information that cannot be erased. The device
Configuration registers are also ignored by the Blank
Check. Additionally, all unimplemented memory space
should be ignored by the Blank Check.
The QBLANK command is used for the Blank Check. It
determines if the code memory is erased by testing
these memory regions. A ‘BLANK’ or ‘NOT BLANK’
response is returned. If it is determined that the device
is not blank, it must be erased before attempting to
program the chip.
4.5
Code Memory Programming
4.5.1
PROGRAMMING METHODOLOGY
Code memory is programmed with the PROGP
command. PROGP programs one row of code memory
starting from the memory address specified in the
command.
The
number
of
PROGP
commands
required to program a device depends on the number
of write blocks that must be programmed in the device.
A flowchart for programming code memory is shown in
Figure 4-4. In this example, all 44K instruction words of
a PIC24FJ128GA device are programmed. First, the
number
of
commands
to
send
(called
‘RemainingCmds’ in the flowchart) is set to 688 and the
destination address (called ‘BaseAddress’) is set to ‘0’.
Next, one write block in the device is programmed with
a
PROGP
command.
Each
PROGP
command
contains data for one row of code memory of the
PIC24FJXXXGA0XX device. After the first command is
processed successfully, ‘RemainingCmds’ is decre-
mented by 1 and compared with 0. Since there are
more PROGP commands to send, ‘BaseAddress’ is
incremented by 80h to point to the next row of memory.
On the second PROGP command, the second row is
programmed. This process is repeated until the entire
device is programmed. No special handling must be
performed when a panel boundary is crossed.
FIGURE 4-4:
FLOWCHART FOR
PROGRAMMING CODE
MEMORY
Is
PROGP response
PASS?
Are
RemainingCmds
‘0’?
BaseAddress = 00h
RemainingCmds = 688
RemainingCmds =
RemainingCmds – 1
BaseAddress =
BaseAddress + 80h
No
No
Yes
Yes
Start
Failure
Report Error
Send PROGP
Command to Program
BaseAddress
Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com