Electronic Components Datasheet Search
  English  ▼

X  

PIC24FJ16GA Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC24FJ16GA
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 33Page - Microchip Technology PIC24FJ16GA Datasheet HTML 34Page - Microchip Technology PIC24FJ16GA Datasheet HTML 35Page - Microchip Technology PIC24FJ16GA Datasheet HTML 36Page - Microchip Technology PIC24FJ16GA Datasheet HTML 37Page - Microchip Technology PIC24FJ16GA Datasheet HTML 38Page - Microchip Technology PIC24FJ16GA Datasheet HTML 39Page - Microchip Technology PIC24FJ16GA Datasheet HTML 40Page - Microchip Technology PIC24FJ16GA Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
© 2008 Microchip Technology Inc.
DS39768D-page 37
PIC24FJXXXGA0XX
5.2.6
READC COMMAND
The READC command instructs the programming
executive to read N or Device ID registers, starting from
the 24-bit address specified by Addr_MSB and
Addr_LS. This command can only be used to read 8-bit
or 16-bit data.
When this command is used to read Device ID
registers, the upper byte in every data word returned by
the programming executive is 00h and the lower byte
contains the Device ID register value.
Expected Response (4 + 3 * (N – 1)/2 words for N odd):
1100h
2 + N
Device ID Register 1
...
Device ID Register N
5.2.7
READP COMMAND
The READP command instructs the programming
executive to read N 24-bit words of code memory,
including Configuration Words, starting from the 24-bit
address specified by Addr_MSB and Addr_LS. This
command can only be used to read 24-bit data. All data
returned in response to this command uses the packed
data format described in Section 5.2.2 “Packed Data
Format”.
Expected Response (2 + 3 * N/2 words for N even):
1200h
2 + 3 * N/2
Least significant program memory word 1
...
Least significant data word N
Expected Response (4 + 3 * (N – 1)/2 words for N odd):
1200h
4 + 3 * (N – 1)/2
Least significant program memory word 1
...
MSB of program memory word N (zero padded)
15
12 11
8 7
0
Opcode
Length
NAddr_MSB
Addr_LS
Field
Description
Opcode
1h
Length
3h
N
Number of 8-bit Device ID registers to
read (max. of 256)
Addr_MSB
MSB of 24-bit source address
Addr_LS
Least Significant 16 bits of 24-bit
source address
Note:
Reading
unimplemented
memory
will
cause the programming executive to
reset. Please ensure that only memory
locations present on a particular device
are accessed.
15
12 11
8 7
0
Opcode
Length
N
Reserved
Addr_MSB
Addr_LS
Field
Description
Opcode
2h
Length
4h
N
Number of 24-bit instructions to read
(max. of 32768)
Reserved
0h
Addr_MSB
MSB of 24-bit source address
Addr_LS
Least Significant 16 bits of 24-bit
source address
Note:
Reading
unimplemented
memory
will
cause the programming executive to
reset. Please ensure that only memory
locations present on a particular device
are accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com