Electronic Components Datasheet Search
  English  ▼

X  

PIC24FJ16GA Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC24FJ16GA
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 42Page - Microchip Technology PIC24FJ16GA Datasheet HTML 43Page - Microchip Technology PIC24FJ16GA Datasheet HTML 44Page - Microchip Technology PIC24FJ16GA Datasheet HTML 45Page - Microchip Technology PIC24FJ16GA Datasheet HTML 46Page - Microchip Technology PIC24FJ16GA Datasheet HTML 47Page - Microchip Technology PIC24FJ16GA Datasheet HTML 48Page - Microchip Technology PIC24FJ16GA Datasheet HTML 49Page - Microchip Technology PIC24FJ16GA Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
PIC24FJXXXGA0XX
DS39768D-page 46
© 2008 Microchip Technology Inc.
6.0
DEVICE DETAILS
6.1
Device ID
The Device ID region of memory can be used to
determine
mask,
variant
and
manufacturing
information about the chip. The Device ID region is
2 x 16 bits and it can be read using the READC
command. This region of memory is read-only and can
also be read when code protection is enabled.
Table 6-1 shows the Device ID for each device, Table 6-2
shows the Device ID registers and Table 6-3 describes
the bit field of each register.
TABLE 6-2:
PIC24FJXXXGA0XX DEVICE ID REGISTERS
TABLE 6-3:
DEVICE ID BIT DESCRIPTIONS
TABLE 6-1:
DEVICE IDs
Device
DEVID
PIC24FJ16GA002
0444h
PIC24FJ16GA004
044Ch
PIC24FJ32GA002
0445h
PIC24FJ32GA004
044Dh
PIC24FJ48GA002
0446h
PIC24FJ48GA004
044Eh
PIC24FJ64GA002
0447h
PIC24FJ64GA004
044Fh
PIC24FJ64GA006
0405h
PIC24FJ64GA008
0408h
PIC24FJ64GA010
040Bh
PIC24FJ96GA006
0406h
PIC24FJ96GA008
0409h
PIC24FJ96GA010
040Ch
PIC24FJ128GAGA006
0407h
PIC24FJ128GAGA008
040Ah
PIC24FJ128GAGA010
040Dh
Address
Name
Bit
15
14
13
12
11
10
9
876543210
FF0000h
DEVID
—
FAMID<7:0>
DEV<5:0>
FF0002h
DEVREV
—MAJRV<2:0>
—DOT<2:0>
Bit Field
Register
Description
FAMID<7:0>
DEVID
Encodes the family ID of the device
DEV<5:0>
DEVID
Encodes the individual ID of the device
MAJRV<2:0>
DEVREV
Encodes the major revision number of the device
DOT<2:0>
DEVREV
Encodes the minor revision number of the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com