Electronic Components Datasheet Search
  English  ▼

X  

AD5381 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5381
Description  40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5381 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5381 Datasheet HTML 3Page - Analog Devices AD5381 Datasheet HTML 4Page - Analog Devices AD5381 Datasheet HTML 5Page - Analog Devices AD5381 Datasheet HTML 6Page - Analog Devices AD5381 Datasheet HTML 7Page - Analog Devices AD5381 Datasheet HTML 8Page - Analog Devices AD5381 Datasheet HTML 9Page - Analog Devices AD5381 Datasheet HTML 10Page - Analog Devices AD5381 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
AD5381
Rev. D | Page 7 of 40
Parameter
AD5381-31
Unit
Test Conditions/Comments
LOGIC OUTPUTS (BUSY, SDO)
3
VOL, Output Low Voltage
0.4
V max
Sinking 200 µA
VOH, Output High Voltage
DVDD – 0.5
V min
Sourcing 200 µA
High Impedance Leakage Current
±1
µA max
SDO only
High Impedance Output Capacitance
5
pF typ
SDO only
LOGIC OUTPUT (SDA)3
VOL, Output Low Voltage
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
Three-State Leakage Current
±1
µA max
Three-State Output Capacitance
8
pF typ
POWER REQUIREMENTS
AVDD
2.7/3.6
V min/max
DVDD
2.7/5.5
V min/max
Power Supply Sensitivity3
∆Midscale/∆ΑVDD
–85
dB typ
AIDD
0.375
mA/channel max
Outputs unloaded, boost off; 0.25 mA/channel typ
0.475
mA/channel max
Outputs unloaded, boost on; 0.325 mA/channel typ
DIDD
1
mA max
VIH = DVDD, VIL = DGND
AIDD (Power-Down)
20
µA max
Typically 100 nA
DIDD (Power-Down)
20
µA max
Typically 1 µA
Power Dissipation
48
mW max
Outputs unloaded, boost off, AVDD = DVDD = 3 V
1 AD5381-3 is calibrated using an external 1.25 V reference. Temperature range is –40°C to +85°C.
2 Accuracy guaranteed from VOUT = 10 mV to AVDD – 50 mV.
3 Guaranteed by characterization, not production tested.
4 Default on the AD5381-3 is 1.25 V. Programmable to 2.5 V via CR10 in the AD5381 control register; operating the AD5381-3 with a 2.5 V reference will lead to degraded
accuracy specifications and limited input code range.
AC CHARACTERISTICS1
AVDD = 4.5 V to 5.5 V or 2.7 V to 3.6 V; DVDD = 2.7 V to 5.5 V; AGND = DGND = 0 V.
Table 4.
Parameter
All
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
1/4 scale to 3/4 scale change settling to ±1 LSB
3
µs typ
8
µs max
Slew Rate 2
1.5
V/µs typ
Boost mode off, CR9 = 0
2.5
V/µs typ
Boost mode on, CR9 = 1
Digital-to-Analog Glitch Energy
12
nV-s typ
Glitch Impulse Peak Amplitude
15
mV typ
DAC-to-DAC Crosstalk
1
nV-s typ
See Terminology section
Digital Crosstalk
0.8
nV-s typ
Digital Feedthrough
0.1
nV-s typ
Effect of input bus activity on DAC output under test
Output Noise 0.1 Hz to 10 Hz
15
µV p-p typ
External reference, midscale loaded to DAC
40
µV p-p typ
Internal reference, midscale loaded to DAC
Output Noise Spectral Density
@ 1 kHz
150
nV/√Hz typ
@ 10 kHz
100
nV/√Hz typ
1 Guaranteed by design and characterization, not production tested.
2 Slew rate can be programmed via the current boost control bit in the AD5381 control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com