Electronic Components Datasheet Search
  English  ▼

X  

AD5381 Datasheet(PDF) 31 Page - Analog Devices

Part # AD5381
Description  40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5381 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5381 Datasheet HTML 27Page - Analog Devices AD5381 Datasheet HTML 28Page - Analog Devices AD5381 Datasheet HTML 29Page - Analog Devices AD5381 Datasheet HTML 30Page - Analog Devices AD5381 Datasheet HTML 31Page - Analog Devices AD5381 Datasheet HTML 32Page - Analog Devices AD5381 Datasheet HTML 33Page - Analog Devices AD5381 Datasheet HTML 34Page - Analog Devices AD5381 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Data Sheet
AD5381
Rev. D | Page 31 of 40
MICROPROCESSOR INTERFACING
Parallel Interface
The AD5381 can be interfaced to a variety of 16-bit microcon-
trollers or DSP processors. Figure35 shows the AD5381 family
interfaced to a generic16-bit microcontroller/DSP processor.
The lower address lines fromthe processor areconnected to A0
to A5 on the AD5381. The upper address lines aredecoded to
provide a CS, LDACsignal for the AD5381. The fast interface
timing of the AD5381 allows direct interface to a wide variety
of microcontrollersand DSPs, as shown in Figure 35.
AD5381 to MC68HC11
The serial peripheral interface (SPI)on the MC68HC11 is
configured for master mode (MSTR = 1), clock polarity bit
(CPOL)= 0, and the clock phase bit (CPHA)= 1. The SPI is
configured by writing to the SPI control register (SPCR)—see
the MC68HC11 user manual. SCK of the MC68HC11 drives the
SCLK of the AD5381, the MOSIoutput drivesthe serial data
line (D
IN) of the AD5381, and the MISO input is driven from
D
OUT. The SYNC signal is derived from a port line (PC7).
When data is being transmitted to the AD5381, the SYNC line
is taken low (PC7). Data appearing on the MOSIoutput is valid
on the falling edge of SCK. Serial data from the MC68HC11 is
transmitted in 8-bit bytes with only eight falling clock edges
occurring in the transmit cycle.
MC68HC11
AD5381
MISO
MOSI
SCK
PC7
SDO
RESET
SER/PAR
DIN
SCLK
SYNC
SPI/I2C
DVDD
Figure 34. AD5381-to-MC68HC11 Interface
µCONTROLLER/
DSP PROCESSOR1
AD5381
ADDRESS
DECODE
UPPER BITS OF
ADDRESS BUS
DATA
BUS
A5
D15
D0
A4
A3
A2
A1
A0
R/W
A5
A4
A3
A2
A1
A0
WR
REG1
REG0
D11
D0
CS
LDAC
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 35. AD5381-to-Parallel Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com