Electronic Components Datasheet Search
  English  ▼

X  

AD5381 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5381
Description  40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5381 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5381 Datasheet HTML 28Page - Analog Devices AD5381 Datasheet HTML 29Page - Analog Devices AD5381 Datasheet HTML 30Page - Analog Devices AD5381 Datasheet HTML 31Page - Analog Devices AD5381 Datasheet HTML 32Page - Analog Devices AD5381 Datasheet HTML 33Page - Analog Devices AD5381 Datasheet HTML 34Page - Analog Devices AD5381 Datasheet HTML 35Page - Analog Devices AD5381 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD5381
Data Sheet
Rev. D | Page 32 of 40
AD5381 to PIC16C6x/7x
The PIC16C6x/7x synchronous serial port (SSP)is configured
as an SPI master with the ClockPolarity Bit = 0. This is done
by writing to the synchronousserial port control register
(SSPCON). See the PIC16/17 microcontroller user manual.
In this example I/O, Port RA1 is being used to pulse SYNC
and enable the serial port of the AD5381. This microcontroller
transfers only eight bits of dataduring each serial transfer
operation; therefore,threeconsecutiveread/write operations
may be needed depending on the mode. Figure 36 showsthe
connection diagram.
PIC16C6X/7X
AD5381
SDI/RC4
SDO/RC5
SCK/RC3
RA1
SDO
RESET
SER/PAR
DIN
SCLK
SYNC
SPI/I2C
DVDD
Figure 36. AD5381-to-PIC16C6x/7x Interface
AD5381 to 8051
The AD5381 requires a clocksynchronized to the serial data.
The 8051 serial interface must thereforebe operated in Mode 0.
In this mode, serial data enters and exits through RxD, and a
shift clock is output on TxD. Figure 37 shows howthe 8051 is
connected to the AD5381. Because the AD5381 shifts data out
on the rising edge of the shift clock and latches data in on the
falling edge, the shift clock must be inverted.The AD5381
requires its data to be MSBfirst. Since the 8051 outputs the
LSB first, the transmit routine must take this into account.
8XC51
AD5381
RxD
TxD
P1.1
SDO
RESET
SER/PAR
DIN
SCLK
SYNC
SPI/I2C
DVDD
Figure 37. AD5381-to-8051 Interface
AD5381 to ADSP-2101/ADSP-2103
Figure 38 shows a serial interface between the AD5381 and the
ADSP-2101/ADSP-2103. The ADSP-2101/ADSP-2103 should
be set up to operate in SPORT transmit alternateframing mode.
The ADSP-2101/ADSP-2103 SPORT is programmedthrough
the SPORT control registerand configuredas follows: internal
clock operation,active low framing, and 16-bit word length.
Transmission is initiated by writing a word to the Tx register
after the SPORT has been enabled.
ADSP-2101/
ADSP-2103
AD5381
DR
DT
SCK
TFS
RFS
SDO
RESET
SER/PAR
DIN
SCLK
DVDD
SPI/I2C
SYNC
Figure 38. AD5381-to-ADSP-2101/ADSP-2103 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com