Electronic Components Datasheet Search
  English  ▼

X  

AD8036 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8036
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8036 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8036 Datasheet HTML 7Page - Analog Devices AD8036 Datasheet HTML 8Page - Analog Devices AD8036 Datasheet HTML 9Page - Analog Devices AD8036 Datasheet HTML 10Page - Analog Devices AD8036 Datasheet HTML 11Page - Analog Devices AD8036 Datasheet HTML 12Page - Analog Devices AD8036 Datasheet HTML 13Page - Analog Devices AD8036 Datasheet HTML 14Page - Analog Devices AD8036 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. B
–10–
100
10k
1k
10
FREQUENCY – Hz
VS = 5V
32
28
24
20
16
12
8
4
100k
TPC 37. AD8036 Noise vs. Frequency
80
70
60
50
40
30
20
10
0
75
65
55
45
35
25
15
5
10k
100k
1G
100M
10M
1M
FREQUENCY – Hz
–PSRR
+PSRR
TPC 38. AD8036 PSRR vs. Frequency
100
90
80
70
60
50
40
30
20
100k
1G
100M
10M
1M
FREQUENCY – Hz
VS = 5V
VCM = 1V
RL = 100
TPC 39. AD8036 CMRR vs. Frequency
AD8036/AD8037–Typical Characteristics
100
100k
10k
1k
10
FREQUENCY – Hz
VS = 5V
17
15
13
11
9
7
5
3
TPC 40. AD8037 Noise vs. Frequency
80
70
60
50
40
30
20
10
0
75
65
55
45
35
25
15
5
10k
100k
1G
100M
10M
1M
FREQUENCY – Hz
–PSRR
+PSRR
TPC 41. AD8037 PSRR vs. Frequency
100
90
80
70
60
50
40
30
20
100k
1G
100M
10M
1M
FREQUENCY – Hz
VS = 5V
VCM = 1V
RL = 100
TPC 42. AD8037 CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com