Electronic Components Datasheet Search
  English  ▼

X  

AD8036 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8036
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8036 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8036 Datasheet HTML 9Page - Analog Devices AD8036 Datasheet HTML 10Page - Analog Devices AD8036 Datasheet HTML 11Page - Analog Devices AD8036 Datasheet HTML 12Page - Analog Devices AD8036 Datasheet HTML 13Page - Analog Devices AD8036 Datasheet HTML 14Page - Analog Devices AD8036 Datasheet HTML 15Page - Analog Devices AD8036 Datasheet HTML 16Page - Analog Devices AD8036 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. B
–12–
AD8036/AD8037–Typical Characteristics
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE – C
AD8036, VS = 6V
AD8036, VS = 5V
AD8037, VS = 6V
AD8037, VS = 5V
24
23
22
21
20
19
18
17
TPC 49. Supply Current vs. Temperature
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE – C
VS = 6V
VS = 5V
VS = 6V
VS = 5V
AD8037
AD8036
–2.50
–2.25
–2.00
–1.75
–1.50
–1.25
–1.00
–0.75
–0.50
TPC 50. Input Offset Voltage vs. Temperature
INPUT OFFSET VOLTAGE – mV
3 WAFER LOTS
COUNT = 632
FREQ. DIST
–6
–5
–4
–3
–2
–1
0
1234
44
40
36
32
28
24
20
16
12
8
4
0
TPC 51. AD8036 Input Offset Voltage Distribution
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE – C
AD8037
AD8036
AD8036
AD8037
SINK
SOURCE
270
260
250
240
230
220
210
200
TPC 52. Short Circuit Current vs. Temperature
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE – C
–IB
AD8037
AD8036
+IB
–IB
+IB
4.5
4.0
3.5
3.0
2.5
2.0
1.5
TPC 53. Input Bias Current vs. Temperature
INPUT OFFSET VOLTAGE – mV
3 WAFER LOTS
COUNT = 853
FREQ. DIST
48
44
40
36
32
28
24
20
16
12
8
4
0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
TPC 54. AD8037 Input Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com