Electronic Components Datasheet Search
  English  ▼

X  

AD8036 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8036
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8036 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8036 Datasheet HTML 12Page - Analog Devices AD8036 Datasheet HTML 13Page - Analog Devices AD8036 Datasheet HTML 14Page - Analog Devices AD8036 Datasheet HTML 15Page - Analog Devices AD8036 Datasheet HTML 16Page - Analog Devices AD8036 Datasheet HTML 17Page - Analog Devices AD8036 Datasheet HTML 18Page - Analog Devices AD8036 Datasheet HTML 19Page - Analog Devices AD8036 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8036/AD8037
REV. B
–15–
THEORY OF OPERATION
General
The AD8036 and AD8037 are wide bandwidth, voltage feedback
clamp amplifiers. Since their open-loop frequency response fol-
lows the conventional 6 dB/octave roll-off, their gain bandwidth
product is basically constant. Increasing their closed-loop gain
results in a corresponding decrease in small signal bandwidth. This
can be observed by noting the bandwidth specification, between
the AD8036 (gain of 1) and AD8037 (gain of 2). The AD8036/
AD8037 typically maintain 65 degrees of phase margin. This
high margin minimizes the effects of signal and noise peaking.
While the AD8036 and AD8037 can be used in either an invert-
ing or noninverting configuration, the clamp function will only
work in the noninverting mode. As such, this section shows con-
nections only in the noninverting configuration. Applications
that require an inverting configuration will be discussed in the
Applications section. In applications that do not require clamp-
ing, Pins 5 and 8 (respectively VL and VH) may be left floating.
See Input Clamp Amp Operation and Applications sections
otherwise.
Feedback Resistor Choice
The value of the feedback resistor is critical for optimum perfor-
mance on the AD8036 (gain +1) and less critical as the gain
increases. Therefore, this section is specifically targeted at
the AD8036.
At minimum stable gain (+1), the AD8036 provides optimum
dynamic performance with RF = 140
Ω. This resistor acts only
as a parasitic suppressor against damped RF oscillations that
can occur due to lead (input, feedback) inductance and parasitic
capacitance. This value of RF provides the best combination of
wide bandwidth, low parasitic peaking, and fast settling time.
In fact, for the same reasons, a 100–130
Ω resistor should be
placed in series with the positive input for other AD8036 non-
inverting configurations. The correct connection is shown in
Figure 3.
RF
100 - 130
RTERM
RF
RG
G = 1+
RG
VH
VL
+VS
–VS
VIN
VOUT
0.1 F
10 F
0.1 F
10 F
AD8036/
AD8037
Figure 3. Noninverting Operation
For general voltage gain applications, the amplifier bandwidth
can be closely estimated as:
f
3 dB ≅
ω
O
2
π 1+
R
F
R
G


This estimation loses accuracy for gains of +2/–1 or lower due
to the amplifier’s damping factor. For these “low gain” cases,
the bandwidth will actually extend beyond the calculated value
(see Closed-Loop BW plots, TPCs 13 and 25).
Pulse Response
Unlike a traditional voltage feedback amplifier, where the slew
speed is dictated by its front end dc quiescent current and gain
bandwidth product, the AD8036 and AD8037 provide “on
demand” current that increases proportionally to the input
“step” signal amplitude. This results in slew rates (1200 V/
µs)
comparable to wideband current feedback designs. This, com-
bined with relatively low input noise current (2.1 pA/
√Hz), gives
the AD8036 and AD8037 the best attributes of both voltage and
current feedback amplifiers.
Large Signal Performance
The outstanding large signal operation of the AD8036 and
AD8037 is due to a unique, proprietary design architecture.
In order to maintain this level of performance, the maximum
350 V-MHz product must be observed, (e.g., @ 100 MHz,
VO
≤ 3.5 V p-p).
Power Supply and Input Clamp Bypassing
Adequate power supply bypassing can be critical when optimiz-
ing the performance of a high frequency circuit. Inductance in
the power supply leads can form resonant circuits that produce
peaking in the amplifier’s response. In addition, if large current
transients must be delivered to the load, then bypass capacitors
(typically greater than 1
µF) will be required to provide the best
settling time and lowest distortion. A parallel combination of at
least 4.7
µF, and between 0.1 µF and 0.01 µF, is recommended.
Some brands of electrolytic capacitors will require a small series
damping resistor
≈4.7 Ω for optimum results.
When the AD8036 and AD8037 are used in clamping mode,
and a dc voltage is connected to clamp inputs VH and VL, a 0.1
µF
bypassing capacitor is required between each input pin and
ground in order to maintain stability.
Driving Capacitive Loads
The AD8036 and AD8037 were designed primarily to drive
nonreactive loads. If driving loads with a capacitive compo-
nent is desired, the best frequency response is obtained by
the addition of a small series resistance as shown in Figure 4.
The accompanying graph shows the optimum value for RSERIES
vs. capacitive load. It is worth noting that the frequency response
of the circuit when driving large capacitive loads will be domi-
nated by the passive roll-off of RSERIES and CL. For capacitive
loads of 6 pF or less, no RSERIES is necessary.
RL
1k
RF
RIN
RSERIES
CL
AD8036/
AD8037
RIN
Figure 4. Driving Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com