Electronic Components Datasheet Search
  English  ▼

X  

AD9833 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9833
Description  Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9833 Datasheet HTML 8Page - Analog Devices AD9833 Datasheet HTML 9Page - Analog Devices AD9833 Datasheet HTML 10Page - Analog Devices AD9833 Datasheet HTML 11Page - Analog Devices AD9833 Datasheet HTML 12Page - Analog Devices AD9833 Datasheet HTML 13Page - Analog Devices AD9833 Datasheet HTML 14Page - Analog Devices AD9833 Datasheet HTML 15Page - Analog Devices AD9833 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD9833
Data Sheet
Rev. E | Page 12 of 24
CIRCUIT DESCRIPTION
The AD9833 is a fully integrated direct digital synthesis (DDS)
chip. The chip requires one reference clock, one low precision
resistor, and decoupling capacitors to provide digitally created
sine waves up to 12.5 MHz. In addition to the generation of this
RF signal, the chip is fully capable of a broad range of simple
and complex modulation schemes. These modulation schemes
are fully implemented in the digital domain, allowing accurate
and simple realization of complex modulation algorithms using
DSP techniques.
The internal circuitry of the AD9833 consists of the following
main sections: a numerically controlled oscillator (NCO),
frequency and phase modulators, SIN ROM, a DAC, and a
regulator.
NUMERICALLY CONTROLLED OSCILLATOR PLUS
PHASE MODULATOR
This consists of two frequency select registers, a phase accumulator,
two phase offset registers, and a phase offset adder. The main
component of the NCO is a 28-bit phase accumulator. Continuous
time signals have a phase range of 0 to 2π. Outside this range of
numbers, the sinusoid functions repeat themselves in a periodic
manner. The digital implementation is no different. The
accumulator simply scales the range of phase numbers into a
multibit digital word. The phase accumulator in the AD9833 is
implemented with 28 bits. Therefore, in the AD9833, 2π = 228.
Likewise, the ΔPhase term is scaled into this range of numbers:
0 < ΔPhase < 228 − 1
With these substitutions, the previous equation becomes
f = ΔPhase × fMCLK∕228
where 0 < ΔPhase < 228 − 1.
The input to the phase accumulator can be selected from either
the FREQ0 register or the FREQ1 register and is controlled by
the FSELECT bit. NCOs inherently generate continuous phase
signals, thus avoiding any output discontinuity when switching
between frequencies.
Following the NCO, a phase offset can be added to perform
phase modulation using the 12-bit phase registers. The contents
of one of these phase registers are added to the most significant
bits of the NCO. The AD9833 has two phase registers; their
resolution is 2π/4096.
SIN ROM
To make the output from the NCO useful, it must be converted
from phase information into a sinusoidal value. Because phase
information maps directly into amplitude, the SIN ROM uses the
digital phase information as an address to a lookup table and
converts the phase information into amplitude. Although the NCO
contains a 28-bit phase accumulator, the output of the NCO is
truncated to 12 bits. Using the full resolution of the phase
accumulator is impractical and unnecessary, because this would
require a lookup table of 228 entries. It is necessary only to have
sufficient phase resolution such that the errors due to truncation
are smaller than the resolution of the 10-bit DAC. This requires
that the SIN ROM have two bits of phase resolution more than
the 10-bit DAC.
The SIN ROM is enabled using the mode bit (D1) in the control
register (see Table 15).
DIGITAL-TO-ANALOG CONVERTER (DAC)
The AD9833 includes a high impedance, current source 10-bit
DAC. The DAC receives the digital words from the SIN ROM
and converts them into the corresponding analog voltages.
The DAC is configured for single-ended operation. An external
load resistor is not required because the device has a 200 Ω
resistor on board. The DAC generates an output voltage of
typically 0.6 V p-p.
REGULATOR
VDD provides the power supply required for the analog section
and the digital section of the AD9833. This supply can have a
value of 2.3 V to 5.5 V.
The internal digital section of the AD9833 is operated at 2.5 V.
An on-board regulator steps down the voltage applied at VDD
to 2.5 V. When the applied voltage at the VDD pin of the AD9833
is less than or equal to 2.7 V, the CAP/2.5V and VDD pins
should be tied together, thus bypassing the on-board regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com