Electronic Components Datasheet Search
  English  ▼

X  

AD9833 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9833
Description  Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9833 Datasheet HTML 14Page - Analog Devices AD9833 Datasheet HTML 15Page - Analog Devices AD9833 Datasheet HTML 16Page - Analog Devices AD9833 Datasheet HTML 17Page - Analog Devices AD9833 Datasheet HTML 18Page - Analog Devices AD9833 Datasheet HTML 19Page - Analog Devices AD9833 Datasheet HTML 20Page - Analog Devices AD9833 Datasheet HTML 21Page - Analog Devices AD9833 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD9833
Data Sheet
Rev. E | Page 18 of 24
DATA WRITE
(SEE FIGURE 28)
SELECT DATA
SOURCES
WAIT 7/8 MCLK
CYCLES
VOUT = VREF × 18 × RLOAD / RSET × (1 + (SIN (2π (FREQREG × fMCLK × t/228 + PHASEREG / 212))))
DAC OUTPUT
CHANGE PHASE?
CHANGE FREQUENCY?
CHANGE DAC OUTPUT
FROM SIN TO RAMP?
CHANGE OUTPUT TO
A DIGITAL SIGNAL?
CHANGE
PSELECT?
CHANGE PHASE
REGISTER?
CHANGE
FSELECT?
CHANGE FREQUENCY
REGISTER?
CONTROL REGISTER
WRITE
(SEE TABLE 6)
INITIALIZATION
(SEE FIGURE 27 BELOW)
NO
NO
NO
NO
YES
NO
YES
YES
NO
YES
YES
YES
YES
YES
Figure 26. Flowchart for AD9833 Initialization and Operation
INITIALIZATION
APPLY RESET
(CONTROL REGISTER WRITE)
RESET = 1
WRITE TO FREQUENCY AND PHASE REGISTERS
FREQ0 REG =
fOUT0/fMCLK × 228
FREQ1 REG =
fOUT1/fMCLK × 228
PHASE0 AND PHASE1 REG = (PHASESHIFT × 212
)/2π
(SEE FIGURE 28)
SET RESET = 0
SELECT FREQUENCY REGISTERS
SELECT PHASE REGISTERS
(CONTROL REGISTER WRITE)
RESET BIT = 0
FSELECT = SELECTED FREQUENCY REGISTER
PSELECT = SELECTED PHASE REGISTER
Figure 27. Flowchart for Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com