Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21065L Datasheet(PDF) 32 Page - Analog Devices

Part # ADSP-21065L
Description  DSP Microcomputer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21065L Datasheet(HTML) 32 Page - Analog Devices

Back Button ADSP-21065L Datasheet HTML 28Page - Analog Devices ADSP-21065L Datasheet HTML 29Page - Analog Devices ADSP-21065L Datasheet HTML 30Page - Analog Devices ADSP-21065L Datasheet HTML 31Page - Analog Devices ADSP-21065L Datasheet HTML 32Page - Analog Devices ADSP-21065L Datasheet HTML 33Page - Analog Devices ADSP-21065L Datasheet HTML 34Page - Analog Devices ADSP-21065L Datasheet HTML 35Page - Analog Devices ADSP-21065L Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
REV. C
ADSP-21065L
–32–
Serial Ports
Parameter
Min
Max
Unit
External Clock
Timing Requirements:
tSFSE
TFS/RFS Setup Before TCLK/RCLK
1
4.0
ns
tHFSE
TFS/RFS Hold After TCLK/RCLK
1
4.0
ns
tSDRE
Receive Data Setup Before RCLK
1
1.5
ns
tHDRE
Receive Data Hold After RCLK
1
4.0
ns
tSCLKW
TCLK/RCLK Width
9.0
ns
tSCLK
TCLK/RCLK Period
tCK
ns
Internal Clock
Timing Requirements:
tSFSI
TFS Setup Before TCLK
2; RFS Setup Before RCLK1
8.0
ns
tHFSI
TFS/RFS Hold After TCLK/RCLK
1
1.0
ns
tSDRI
Receive Data Setup Before RCLK
1
3.0
ns
tHDRI
Receive Data Hold After RCLK
1
3.0
ns
External or Internal Clock
Switching Characteristics:
tDFSE
RFS Delay After RCLK (Internally Generated RFS)
2
13.0
ns
tHOFSE
RFS Hold After RCLK (Internally Generated RFS)
2
3.0
ns
External Clock
Switching Characteristics:
tDFSE
TFS Delay After TCLK (Internally Generated TFS)
2
13.0
ns
tHOFSE
TFS Hold After TCLK (Internally Generated TFS)
2
3.0
ns
tDDTE
Transmit Data Delay After TCLK
2
12.5
ns
tHDTE
Transmit Data Hold After TCLK
2
4.0
ns
Internal Clock
Switching Characteristics:
tDFSI
TFS Delay After TCLK (Internally Generated TFS)
2
4.5
ns
tHOFSI
TFS Hold After TCLK (Internally Generated TFS)
2
–1.5
ns
tDDTI
Transmit Data Delay After TCLK
2
7.5
ns
tHDTI
Transmit Data Hold After TCLK
2
0.0
ns
tSCLKIW
TCLK/RCLK Width
(tSCLK/2) – 2.5
(tSCLK/2) + 2.5
ns
Enable and Three-State
Switching Characteristics:
tDTENE
Data Enable from External TCLK
2
5.0
ns
tDDTTE
Data Disable from External RCLK
2
10.0
ns
tDTENI
Data Enable from Internal TCLK
2
0.0
ns
tDDTTI
Data Disable from Internal TCLK
2
3.0
ns
tDCLK
TCLK/RCLK Delay from CLKIN
18.0 + 6 DT
ns
tDPTR
SPORT Disable After CLKIN
14.0
ns
External Late Frame Sync
tDDTLFSE
Data Delay from Late External TFS or External RFS
with MCE = 1, MFD = 0
3, 4
10.5
ns
tDTENLFSE
Data Enable from late FS or MCE = 1, MFD = 0
3, 4
3.5
ns
tDDTLSCK
Data Delay from TCLK/RCLK for Late External
TFS or External RFS with MCE = 1, MFD = 0
3, 4
12.0
ns
tDTENLSCK
Data Enable from RCLK/TCLK for Late External FS or
MCE = 1, MFD = 0
3, 4
4.5
ns
NOTES
To determine whether communication is possible between two devices at clock speed n, the following specifications must be confirmed: 1) frame sync delay and frame
sync setup-and-hold, 2) data delay and data setup-and-hold, and 3) SCLK width.
1Referenced to sample edge.
2Referenced to drive edge.
3MCE = 1, TFS enable and TFS valid follow t
DDTENFS and tDDTLFSE.
4If external RFS/TFS setup to RCLK/TCLK > t
SCLK/2 then tDDTLSCK and tDTENLSCK apply; otherwise tDDTLFSE and tDTENLFS apply.
*Word selected timing for I
2S mode is the same as TFS/RFS timing (normal framing only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com