Electronic Components Datasheet Search
  English  ▼

X  

OP200ARC Datasheet(PDF) 4 Page - Analog Devices

Part # OP200ARC
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200ARC Datasheet(HTML) 4 Page - Analog Devices

  OP200ARC Datasheet HTML 1Page - Analog Devices OP200ARC Datasheet HTML 2Page - Analog Devices OP200ARC Datasheet HTML 3Page - Analog Devices OP200ARC Datasheet HTML 4Page - Analog Devices OP200ARC Datasheet HTML 5Page - Analog Devices OP200ARC Datasheet HTML 6Page - Analog Devices OP200ARC Datasheet HTML 7Page - Analog Devices OP200ARC Datasheet HTML 8Page - Analog Devices OP200ARC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP200
Data Sheet
Rev. E | Page 4 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
OP200A/E
OP200G
Unit
Min
Typ
Max
Min
Typ
Max
INPUT CHARACTERISTICS
Input Offset Voltage
V
OS
25
75
80
200
μV
Long-Term Input Voltage Stability
0.1
0.1
μV/mo
Input Offset Current
I
OS
V
CM = 0 V
0.05
1.0
0.05
3.5
nA
Input Bias Current
I
B
V
CM = 0 V
0.1
2.0
0.1
5.0
nA
Input Noise Voltage
e
n p-p
0.1 Hz to 10 Hz
0.5
0.5
μV p-p
Input Noise Voltage Density1
e
n
f
O = 10 Hz
22
36
22
nV/√Hz
f
O = 1000 Hz
11
18
11
nV/√Hz
Input Noise Current
i
n p-p
0.1 Hz to 10 Hz
15
15
pA p-p
Input Noise Current Density
i
n
f
O = 10 Hz
0.4
0.4
pA/√Hz
Input Resistance Differential Mode
R
IN
10
10
MΩ
Input Resistance Common Mode
R
INCM
125
125
GΩ
Large Signal Voltage Gain
A
VO
V
O = ±10 V
R
L = 10 kΩ
5000
12000
3000
7000
M/mV
R
L = 2 kΩ
2000
3700
1500
3200
M/mV
1 Sample tested.
VS = ±15 V, −55°C ≤ TA ≤ +125°C for OP200A, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
OP200A
Unit
Min
Typ
Max
INPUT CHARACTERISTICS
Input Offset Voltage
V
OS
45
125
μV
Average Input Offset Voltage Drift
TCV
OS
0.2
0.5
μV/°C
Input Offset Current
I
OS
V
CM = 0 V
0.15
2.5
nA
Input Bias Current
I
B
V
CM = 0 V
0.9
5.0
nA
Large Signal Voltage Gain
A
VO
V
O = 10 V
R
L = 10 kΩ
3000
9000
V/mV
R
L = 2 kΩ
1000
2700
V/mV
Input Voltage Range1
IVR
±12
±12.5
V
Common-Mode Rejection Ratio
CMRR
V
CM = ±12 V
115
130
dB
Capacitive Load Stability
A
V = 1
8
nF
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = 3 V to 18 V
0.2
3.2
μV/V
Supply Current Per Amplifier
I
SY
No load
600
775
μA
OUTPUT CHARACTERISTICS
Output Voltage Swing
V
O
R
L = 10 kΩ
±12
±12.4
V
R
L = 2 kΩ
±11
±12
V
1 Guaranteed by CMRR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com