Electronic Components Datasheet Search
  English  ▼

X  

OP200ARC Datasheet(PDF) 11 Page - Analog Devices

Part # OP200ARC
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200ARC Datasheet(HTML) 11 Page - Analog Devices

Back Button OP200ARC Datasheet HTML 7Page - Analog Devices OP200ARC Datasheet HTML 8Page - Analog Devices OP200ARC Datasheet HTML 9Page - Analog Devices OP200ARC Datasheet HTML 10Page - Analog Devices OP200ARC Datasheet HTML 11Page - Analog Devices OP200ARC Datasheet HTML 12Page - Analog Devices OP200ARC Datasheet HTML 13Page - Analog Devices OP200ARC Datasheet HTML 14Page - Analog Devices OP200ARC Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
OP200
Rev. E | Page 11 of 16
50
0
5
10
15
20
25
30
35
40
45
0
0.5
CAPACITIVE LOAD (nF)
1.0
1.5
2.0
2.5
3.0
TA = 25°C
VS = ±15V
FALLING
RISING
Figure 24. Overshoot vs. Capacitive Load
29
22
23
24
25
26
27
28
0
1
TIME (Minutes)
2
3
4
5
TA = 25°C
VS = ±15V
SINKING
SOURCING
Figure 25. Short-Circuit Current vs. Time
150
90
100
110
120
130
140
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 26. Channel Separation vs. Frequency
TA = 25°C
VS = ±15V
AV = +1
100µs
5.00V
Figure 27. Large Signal Transient Response
TA = 25°C
VS = ±15V
AV = +1
5µs
20mV
Figure 28. Small Signal Transient Response
TA = 25°C
VS = ±15V
AV = +1
5µs
20mV
Figure 29. Small Signal Transient Response, CLOAD = 1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com