Electronic Components Datasheet Search
  English  ▼

X  

OP200ARC Datasheet(PDF) 2 Page - Analog Devices

Part # OP200ARC
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200ARC Datasheet(HTML) 2 Page - Analog Devices

  OP200ARC Datasheet HTML 1Page - Analog Devices OP200ARC Datasheet HTML 2Page - Analog Devices OP200ARC Datasheet HTML 3Page - Analog Devices OP200ARC Datasheet HTML 4Page - Analog Devices OP200ARC Datasheet HTML 5Page - Analog Devices OP200ARC Datasheet HTML 6Page - Analog Devices OP200ARC Datasheet HTML 7Page - Analog Devices OP200ARC Datasheet HTML 8Page - Analog Devices OP200ARC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OP200
Data Sheet
Rev. E | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Pin Connections ............................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 4
Electrical Characteristics............................................................. 4
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Typical Performance Characteristics ............................................. 8
Applications Information .............................................................. 12
Dual Low Power Instrumentation Amplifier ......................... 12
Precision Absolute Value Amplifier......................................... 12
Precision Current Pump............................................................ 12
Dual 12-Bit Voltage Output DAC ............................................ 13
Dual Precision Voltage Reference ............................................ 13
Programmable High Resolution Window Comparator........ 14
Outline Dimensions....................................................................... 15
Ordering Guide .......................................................................... 16
REVISION HISTORY
9/12—Rev. D to Rev. E
Changed Table 2 Conditions from VS = 15 V to VS = ±15 V...... 4
Updated Outline Dimensions....................................................... 15
Changes to Ordering Guide .......................................................... 16
2/09—Rev. C to Rev. D
Change to Large Signal Voltage Gain, Table 2 .............................. 4
Changes to Ordering Guide .......................................................... 16
8/08—Rev. B to Rev. C
Updated Format..................................................................Universal
Changes to Features Section............................................................ 1
Changes to Table 1 and Table 2....................................................... 4
Changes to Table 3 and Table 4....................................................... 5
Deleted Table 7; Renumbered Sequentially................................... 5
Changes to Figure 15........................................................................ 9
Changes to Figure 21...................................................................... 10
Changes to Figure 30 and Figure 31............................................. 12
Changes to Programmable High Resolution Window
Comparator Section, Figure 33, and Figure 34........................... 13
Changes to Figure 35...................................................................... 14
Updated Outline Dimensions....................................................... 15
Changes to Ordering Guide .......................................................... 16
2/04—Data Sheet changed from Rev. A to Rev. B.
OP200F Deleted..................................................................Universal
Changes to Ordering Guide.............................................................5
Changes to Figure 4...........................................................................8
Updated Outline Dimension ........................................................ 11
4/02—Data Sheet changed from Rev. 0 to Rev. A.
Edits to Features.................................................................................1
Edits to General Description ...........................................................1
Edits to Ordering Information ........................................................1
Edits to Pin Connections..................................................................1
Edits to Absolute Maximum Ratings..............................................2
Edits to Package Type .......................................................................2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com