Electronic Components Datasheet Search
  English  ▼

X  

AD9559BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9559BCPZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9559BCPZ Datasheet HTML 35Page - Analog Devices AD9559BCPZ Datasheet HTML 36Page - Analog Devices AD9559BCPZ Datasheet HTML 37Page - Analog Devices AD9559BCPZ Datasheet HTML 38Page - Analog Devices AD9559BCPZ Datasheet HTML 39Page - Analog Devices AD9559BCPZ Datasheet HTML 40Page - Analog Devices AD9559BCPZ Datasheet HTML 41Page - Analog Devices AD9559BCPZ Datasheet HTML 42Page - Analog Devices AD9559BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 39 of 120
OUTPUT PLL (APLL)
There are two output PLLs (APLLs) on the AD9559. They
provide the frequency upconversion from the digital PLL
(DPLL) outputs. The frequency range is 2940 MHz to 3543 MHz
for the APLL_0 and 3405 MHz to 4260 MHz for the APLL_1,
while also providing noise filter on the DPLL output. The APLL
reference input is the output of the DPLL. The feedback divider is
an integer divider. The loop filter is partially integrated with the
one external 6.8 nF capacitor that connects to an internal LDO.
The nominal loop bandwidth for both of the APLLs is 240 kHz.
The APLL_0 and APLL_1 block diagrams are shown in Figure 39
and Figure 40, respectively.
LF_0 CAP
LF_0 PIN
VCO_0
3405MHz TO 4260MHz
PFD
FROM DPLL_0
TO P0
DIVIDER
LF
CP
INTEGER DIVIDER
OUTPUT PLL DIVIDER (APLL_0)
÷N0
11
LDO_0 PIN 10
Figure 39. APLL_0 Block Diagram
VCO_1
3405MHz TO 4260MHz
PFD
FROM DPLL_1
TO P1
DIVIDER
LF
CP
INTEGER DIVIDER
OUTPUT PLL DIVIDER (APLL_1)
÷N1
LF_1 CAP
LF_1 PIN
44
LDO_1 PIN 45
Figure 40. APLL_1 Block Diagram
APLL CONFIGURATION
The frequency wizard that is included in the evaluation software
configures the APLL, and the user should not need to make
changes to the APLL settings. However, there may be special cases
where the user may wish to adjust the APLL loop bandwidth to
meet a specific phase noise requirement. The easiest way to change
the APLL loop bandwidth is to adjust the APLL charge pump
current in Register 0x0420 (APLL_0) or Register 0x0520 (APLL_1).
There is sufficient stability (68° of phase margin) in the APLL
default settings to permit a broad range of adjustment without
causing the APLL to be unstable. The user should contact
Analog Devices directly if more information is needed.
APLL CALIBRATION
Calibration of the APLLs must be performed at startup and
whenever the nominal input frequency to the APLL changes
by more than ±100 ppm, although the APLL maintains lock
over voltage and temperature extremes without recalibration.
Calibration centers the dc operating voltage at the input to the
APLL VCO.
APLL calibration at startup is normally performed during initial
register loading by following the instructions in the Device
Register Programming Using a Register Setup File section of
this datasheet.
To recalibrate the APLL VCO after the chip has been running,
first input the new settings (if any). Ensure that the system clock
is still locked and stable, and that the DPLL is in free run mode
with the free run tuning word set to the same output frequency
that is used when the DPLL is locked. The user can calibrate
APLL_0 without disturbing APLL_1 and vice versa.
Use the following steps to recalibrate the APLL VCO.
Important: An IO_UPDATE (Register 0x0005 = 0x01)
is needed after each of these steps.
1. Ensure that the system clock is locked and stable.
(Register 0x0D01[1] = 1b).
2. Ensure that the DPLL free run tuning word is set.
DPLL_0: Register 0x0400 to Register 0x0403
DPLL_1: Register 0x0500 to Register 0x0503
3. Set free run mode for the appropriate DPLL.
DPLL_0: Register 0x0A22[0] = 1b
DPLL_1: Register 0x0A42[0] = 1b
4. Clear APLL calibration bit.
APLL_0: Register 0x0A20 = 0x00
APLL_1: Register 0x0A40 = 0x00
5. Set APLL calibration bit.
APLL_0: Register 0x0A20 = 0x02
APLL_1: Register 0x0A40 = 0x02
6. Poll the APLL lock status.
APLL_0: Register 0x0D20[3] = 1b indicates lock.
APLL_1: Register 0x0D40[3] = 1b indicates lock.
7. Clear the DPLL mode for the appropriate DPLL.
DPLL_0: Register 0x0A22[0] = 0b
DPLL_1: Register 0x0A42[0] = 0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com