Electronic Components Datasheet Search
  English  ▼

X  

AD9559BCPZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD9559BCPZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559BCPZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9559BCPZ Datasheet HTML 61Page - Analog Devices AD9559BCPZ Datasheet HTML 62Page - Analog Devices AD9559BCPZ Datasheet HTML 63Page - Analog Devices AD9559BCPZ Datasheet HTML 64Page - Analog Devices AD9559BCPZ Datasheet HTML 65Page - Analog Devices AD9559BCPZ Datasheet HTML 66Page - Analog Devices AD9559BCPZ Datasheet HTML 67Page - Analog Devices AD9559BCPZ Datasheet HTML 68Page - Analog Devices AD9559BCPZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 65 of 120
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
0x050B
DPLL_1
holdover
history
History accumulation timer (ms), Bits[7:0] (up to 65 sec)
0x0A
0x050C
History accumulation timer (ms), Bits[15:8] (up to 65 sec]
0x00
0x050D
DPLL_1
history
mode
Reserved
Single
sample
fallback
Persistent
history
Incremental average
0x00
0x050E
DPLL_1
closed loop
phase
offset
[±0.5 ms]
Fixed phase offset (signed; ps), Bits[7:0]
0x00
0x050F
Fixed phase offset (signed; ps), Bits[15:8]
0x00
0x0510
Fixed phase offset (signed; ps), Bits[23:16]
0x00
0x0511
Reserved
Fixed phase offset (signed; ps), Bits[29:24]
0x00
0x0512
Incremental phase offset step size (ps/step), Bits[7:0] (up to 65.5 ns/step)
0x00
0x0513
Incremental phase offset step size (ps/step), Bits[15:8] (up to 65.5 ns/step)
0x00
0x0514
DPLL_1
phase
slew limit
Phase slew rate limit (µs/sec), Bits[7:0] (315 µs/sec up to 65.536 ms/sec)
0x00
0x0515
Phase slew rate Limit (µs/sec), Bits[15:8] (315 µs/sec up to 65.536 ms/sec)
0x00
Output PLL_1 (APLL_1) and Channel 1 Output Drivers
0x0520
APLL _1
charge
pump
Output PLL1 (APLL_1) charge pump current, Bits[7:0]
0x81
0x0521
APLL_1
M1 divider
Output PLL0 (APLL_1) feedback (M1) divider, Bits[7:0]
0x14
0x0522
APLL_1
loop filter
control
APLL_1 loop filter control, Bits[7:0]
0x07
0x0523
Reserved
Bypass
internal
Rzero
0x00
0x0524
P1 divider
Reserved
P1 divider divide ratio, Bits[3:0]
0x04
0x0525
OUT1 sync
Reserved
Sync source
selection
Auto sync mode
0x00
0x0526
Reserved
APLL_1
locked
controlled
sync disable
Mask
OUT1B
sync
Mask
OUT1A
sync
0x00
0x0527
OUT1A
Reserved
OUT1A format, Bits[2:0]
OUT1A polarity, Bits[1:0]
OUT1A
LVDS boost
Reserved
0x10
0x0528
Q1_A divider, Bits[7:0]
0x00
0x0529
Reserved
Q1_A divider, Bits[9:8]
0x00
0x052A
Reserved
Q1_A divider phase, Bits[5:0]
0x00
0x052B
OUT1B
Enable 3.3 V
CMOS driver
OUT1B format, Bits[2:0]
OUT1B polarity, Bits[1:0]
OUT1B
LVDS boost
Reserved
0x10
0x052C
Q1_B divider, Bits[7:0]
0x03
0x052D
Reserved
Q1_B divider, Bits[9:8]
0x00
0x052E
Reserved
Q1_B divider phase, Bits[5:0]
0x00
DPLL_1 Settings for Reference Input C
0x0540
Reference
priority
Reserved
REFC priority, Bits[1:0]
Enable
REFC
0x01
0x0541
W2
DPLL_1
loop BW
(16 bits)
Digital PLL_1 loop BW scaling factor, Bits[7:0] (default: 0x01F4 = 50 Hz)
0xF4
0x0542
W2
Digital PLL_1 loop BW scaling factor, Bits[15:8]
0x01
0x0543
W2
Reserved
Base filter
Reserved
0x00
0x0544
W2
DPLL_1
N1 divider
(17 bits)
Digital PLL_1 feedback divider—Integer Part N1, Bits[7:0]
0xCB
0x0545
W2
Digital PLL_1 feedback divider—Integer Part N1, Bits[15:8]
0x07
0x0546
W2
Reserved
Digital
PLL
feedback
divider—
Integer
Part N1,
Bit 16
0x00
0x0547
DPLL_1
fractional
feedback
divider
(24 bits)
Digital PLL_1 fractional feedback divider—FRAC1, Bits[7:0]
0x04
0x0548
Digital PLL_1 fractional feedback divider—FRAC1, Bits[15:8]
0x00
0x0549
Digital PLL_1 fractional feedback divider—FRAC1, Bits[23:16]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com