Electronic Components Datasheet Search
  English  ▼

X  

AD9559BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9559BCPZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9559BCPZ Datasheet HTML 1Page - Analog Devices AD9559BCPZ Datasheet HTML 2Page - Analog Devices AD9559BCPZ Datasheet HTML 3Page - Analog Devices AD9559BCPZ Datasheet HTML 4Page - Analog Devices AD9559BCPZ Datasheet HTML 5Page - Analog Devices AD9559BCPZ Datasheet HTML 6Page - Analog Devices AD9559BCPZ Datasheet HTML 7Page - Analog Devices AD9559BCPZ Datasheet HTML 8Page - Analog Devices AD9559BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 5 of 120
POWER DISSIPATION
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION
Typical Configuration
0.57
0.71
0.85
W
System clock: 49.152 MHz crystal; two DPLLs active;
two 19.44 MHz input references in differential mode;
two HSTL drivers at 644.53125 MHz; two 3.3 V CMOS
drivers at 161.1328125 MHz and 80 pF capacitive load
on CMOS output
All Blocks Running
0.71
0.89
1.1
W
System clock: 49.152 MHz crystal; two DPLLs active,
all input references in differential mode; two HSTL
drivers at 750 MHz; four 3.3 V CMOS drivers at 250 MHz
and 80 pF capacitive load on CMOS outputs
Full Power-Down
75
110
mW
Typical configuration with no external pull-up or pull-
down resistors; about 2/3 of this power is on VDD3
Incremental Power Dissipation
Typical configuration; table values show the change in
power due to the indicated operation
Complete DPLL/APLL On/Off
171
214
257
mW
This power delta is computed relative to the typical
configuration; the blocks powered down include one
reference input, one DPLL, one APLL, one P divider, two
channel dividers, one HSTL driver, and one CMOS driver;
roughly 2/3 of the power savings is on the 1.8 V supply
Input Reference On/Off
Differential Without Divide-by-2
19
25
31
mW
Additional current draw is in the VDD3 domain only
Differential With Divide-by-2
25
32
39
mW
Additional current draw is in the VDD3 domain only
Single-Ended (Without Divide-by-2)
5
6.6
8
mW
Additional current draw is in the VDD3 domain only
Output Distribution Driver On/Off
LVDS (at 750 MHz)
12
17
22
mW
Additional current draw is in the VDD domain only
HSTL (at 750 MHz)
14
21
28
mW
Additional current draw is in the VDD domain only
1.8 V CMOS (at 250 MHz)
14
21
28
mW
A single 1.8 V CMOS output with an 80 pF load
3.3 V CMOS (at 250 MHz)
18
27
36
mW
A single 3.3 V CMOS output with an 80 pF load
SYSTEM CLOCK INPUTS (XOA, XOB)
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SYSTEM CLOCK MULTIPLIER
PLL Output Frequency Range
750
805
MHz
VCO range may place limitations on nonstandard system
clock input frequencies
Phase Frequency Detector (PFD) Rate
150
MHz
Frequency Multiplication Range
4
255
Assumes valid system clock and PFD rates
SYSTEM CLOCK REFERENCE INPUT PATH
Input Frequency Range
10
400
MHz
Minimum Input Slew Rate
50
V/μs
Minimum limit imposed for jitter performance; jitter
performance affected if sine wave input ≤ 20 MHz
Common-Mode Voltage
1.05
1.16
1.27
V
Internally generated
Differential Input Voltage Sensitivity
250
mV p-p
Minimum voltage across pins required to ensure switching
between logic states; the instantaneous voltage on either
pin must not exceed supply rails; single-ended input can
be accommodated by ac grounding complementary input;
1 V p-p recommended for optimal jitter performance
System Clock Input Doubler Duty Cycle
Amount of duty cycle variation that can be tolerated on
the system clock input to use the doubler
System Clock input = 50 MHz
45
50
55
%
System Clock input = 20 MHz
46
50
54
%
System Clock input = 16 MHz to 20 MHz
47
50
53
%
Input Capacitance
3
pF
Single-ended, each pin
Input Resistance
4.1
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com