Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8099
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8099 Datasheet HTML 8Page - Analog Devices AD8099 Datasheet HTML 9Page - Analog Devices AD8099 Datasheet HTML 10Page - Analog Devices AD8099 Datasheet HTML 11Page - Analog Devices AD8099 Datasheet HTML 12Page - Analog Devices AD8099 Datasheet HTML 13Page - Analog Devices AD8099 Datasheet HTML 14Page - Analog Devices AD8099 Datasheet HTML 15Page - Analog Devices AD8099 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4895-2
Data Sheet
Rev. 0 | Page 12 of 24
–10
–8
–6
–4
–2
0
2
4
6
0.1
1
10
100
1000
FREQUENCY (MHz)
CL = 6pF
VOUT = 200mV p-p
CL = 3pF
CL = 0pF
Figure 11. Small Signal Frequency Response vs. Capacitive Load
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
FREQUENCY (MHz)
HD3, RL = 1kΩ
HD2, RL = 100Ω
HD2, RL = 1kΩ
HD3, RL = 100Ω
VOUT = 2V p-p
Figure 12. Harmonic Distortion vs. Frequency for Various Loads
–120
–100
–80
–60
–40
–20
0.1
1
10
FREQUENCY (MHz)
VOUT = 2V p-p
G = +20
RL = 100Ω
HD2
HD3
RL = 1kΩ
RL = 100Ω
RL = 1kΩ
Figure 13. Harmonic Distortion vs. Frequency, G = +20
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
GAIN
PHASE
–240
–220
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
Figure 14. Open-Loop Gain and Phase vs. Frequency
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
FREQUENCY (MHz)
VS = ±5V
VS = ±2.5V
VS = ±1.5V
HD3
HD2
VS = ±5V
VS = ±2.5V
VS = ±1.5V
VOUT = 2V p-p
Figure 15. Harmonic Distortion vs. Frequency for Various Supplies
–140
–120
–100
–80
–60
–40
–20
0.1
1
10
FREQUENCY (MHz)
VS = ±5.0V
RG = 27.4Ω
2V p-p
8V p-p
HD3
HD2
4V p-p
2V p-p
4V p-p
8V p-p
Figure 16. Harmonic Distortion vs. Frequency for Various Output Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com