Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8099
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8099 Datasheet HTML 16Page - Analog Devices AD8099 Datasheet HTML 17Page - Analog Devices AD8099 Datasheet HTML 18Page - Analog Devices AD8099 Datasheet HTML 19Page - Analog Devices AD8099 Datasheet HTML 20Page - Analog Devices AD8099 Datasheet HTML 21Page - Analog Devices AD8099 Datasheet HTML 22Page - Analog Devices AD8099 Datasheet HTML 23Page - Analog Devices AD8099 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADA4895-2
Data Sheet
Rev. 0 | Page 22 of 24
WIDEBAND PHOTOMULTIPLIER PREAMPLIFIER
A decompensated amplifier can provide significantly greater
speed in transimpedance applications than a unity-gain stable
amplifier. The speed increases by the square root of the ratio
of the two amplifiers’ bandwidth; that is, a 1 GHz GBP amplifier
is 10 times faster than a 10 MHz amplifier in the same trans-
impedance application if all other parameters are kept constant.
Additionally, the input voltage noise normally dominates the
total output rms noise because it is multiplied by the capacitive
noise gain network.
F
D
F
M
S
C
C
C
C
C
In the case of the ADA4895-2, the input noise is low, but the
capacitive noise gain network must be kept greater than 10 for
stability reasons.
One disadvantage of using the ADA4895-2 in transimpedance
applications is that the input current and input current noise
can create large offsets and output voltage noise when coupled
with an excessively high feedback resistance. Despite these two
issues, the ADA4895-2 noise and gain bandwidth can provide a
significant increase in performance within certain transimpedance
ranges.
Figure 47 shows an I/V converter with an electrical model of a
photomultiplier.
–
+
VOUT
VB
CF +CS
CD
CM
CM
RF
RSH
CS
IPHOTO
CF
RF
Figure 47. Wideband Photomultiplier Preamplifier
The basic transfer function is
F
F
F
PHOTO
OUT
R
sC
R
I
V
1
where IPHOTO is the output current of the photomultiplier, and
the parallel combination of RF and CF sets the signal bandwidth.
The stable bandwidth attainable with this preamplifier is a function
of RF, the gain bandwidth product of the amplifier, and the total
capacitance at the summing junction of the amplifier, including CS
and the amplifier input capacitance.
RF and the total capacitance produce a pole in the loop trans-
mission of the amplifier that can result in peaking and instability.
Adding CF creates a zero in the loop transmission that compensates
for the pole effect and reduces the signal bandwidth. It can be
shown that the signal bandwidth resulting in a 45° phase margin
(f(45)) is defined as follows:

S
F
45
C
R
GBP
f
π
2
where:
GBP is the gain bandwidth product.
RF is the feedback resistance.
CS is the total capacitance at the amplifier summing junction
(amplifier + photomultiplier + board parasitics).
The value of CF that produces f(45) is
GBP
R
C
C
F
S
F
π
2
The frequency response in this case shows approximately 2 dB
of peaking and 15% overshoot. Doubling CF and reducing the
bandwidth by half results in a flat frequency response with
approximately 5% transient overshoot.
The output noise over frequency for the preamplifier is shown
in Figure 48.
FREQUENCY (Hz)
RF NOISE
f1
NOISE DUE TO AMPLIFIER
ven
f2
1
2π RF
f1 =
f2 =
1
2πRFCF
f3 =
GBP
ven (CS + CM + CF + CD)/CF
f3
(CS + CM + CF + CD)
(CS + CM + CF + CD)/CF
Figure 48. Photomultiplier Voltage Noise Contributions
Table 10. RMS Noise Contributions of Photomultiplier
Preamplifier
Contributor
Expression
RF
57
1
f
R
kT
4
2
F
.
Amplifier ven
57
.
1
f
C
C
C
C
C
ven
3
F
D
F
M
S
Amplifier ien
57
1
f
R
ien
2
F
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com