Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8099
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8099 Datasheet HTML 11Page - Analog Devices AD8099 Datasheet HTML 12Page - Analog Devices AD8099 Datasheet HTML 13Page - Analog Devices AD8099 Datasheet HTML 14Page - Analog Devices AD8099 Datasheet HTML 15Page - Analog Devices AD8099 Datasheet HTML 16Page - Analog Devices AD8099 Datasheet HTML 17Page - Analog Devices AD8099 Datasheet HTML 18Page - Analog Devices AD8099 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADA4895-2
Rev. 0 | Page 15 of 24
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
VS = ±5.0V
VS = ±2.5V
VS = ±1.5V
Figure 29. Supply Current vs. Temperature for Various Supplies
0
0.01
0.02
0.03
0.04
0.05
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = ±1.5V
VS = ±2.5V
VS = ±5.0V
Figure 30. Input Offset Voltage vs. Temperature for Various Supplies
0.01
0.1
1
10
100
1k
10k
100k
1M
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
DISABLED
ENABLED
Figure 31. Output Impedance vs. Frequency
TEMPERATURE (°C)
–12.0
–11.8
–11.6
–11.4
–11.2
–11.0
–10.8
–40
–20
0
20
40
60
80
100
120
VS = ±5.0V
VS = ±2.5V
VS = ±1.5V
Figure 32. Input Bias Current vs. Temperature for Various Supplies
–120
–100
–80
–60
–40
–20
0
0.01
0.1
1
10
100
FREQUENCY (MHz)
Figure 33. Crosstalk, OUT1 to OUT2
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0.01
0.1
1
10
100
FREQUENCY (MHz)
Figure 34. Forward Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com