Electronic Components Datasheet Search
  English  ▼

X  

AD9243-EB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9243-EB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9243-EB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9243-EB Datasheet HTML 6Page - Analog Devices AD9243-EB Datasheet HTML 7Page - Analog Devices AD9243-EB Datasheet HTML 8Page - Analog Devices AD9243-EB Datasheet HTML 9Page - Analog Devices AD9243-EB Datasheet HTML 10Page - Analog Devices AD9243-EB Datasheet HTML 11Page - Analog Devices AD9243-EB Datasheet HTML 12Page - Analog Devices AD9243-EB Datasheet HTML 13Page - Analog Devices AD9243-EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 10 of 28
The SPI interface designed on the Cypress IC can communicate
with up to five different SPI-enabled devices. The CLK and data
lines are common to all SPI devices. The correct device is
chosen to communicate by using one of the five active low chip
select pins. This functionality is controlled by selecting a SPI
channel in the software.
CLOCKING WITH INTERLEAVED DATA
ADCs with very high data rates can exceed the capability of a
single buffer memory channel (~133 MSPS). These converters
often demultiplex the data into two channels to reduce the rate
required to capture the data. In these applications, ADC Analyzer
must interleave the data from both channels to process it as a
single channel. The user can configure the software to process
the first sample from Channel A, the second from Channel B,
and so on, or vice versa. The synchronization circuit included in
the buffer memory forces a small delay between the write enable
signals (WENA and WENB) to the FIFO memory chips (Pin 1,
U101, and U201), ensuring that the data is captured in one
FIFO before the other. Jumper J401 and Jumper J402 determine
which FIFO receives WENA and which FIFO receives WENB.
CONNECTING TO THE HSC-ADC-FPGA-4/-8
ADCs that have serial LVDS outputs require another board that
is connected between the ADC evaluation board and the FIFO
data capture card. This board converts the serial data into
parallel CMOS so that the FIFO data capture card can accept
the data. For more detailed information on this board, refer to
the HSC-ADC-FPGA datasheet at www.analog.com/hsc-FIFO.
CONNECTING TO THE DEMUX BRD
ADCs that have parallel LVDS outputs require another board
that is connected between the ADC evaluation board and the
FIFO data capture card. This board converts parallel LVDS to
parallel CMOS, using both channels of the FIFO data capture
card. For more detailed information on this board, send an
email to highspeed.converters@analog.com
UPGRADING FIFO MEMORY
The FIFO evaluation board includes one or two 32 kB FIFOs
that are capable of 133 MHz clock signals, depending on the
model number. Pin-compatible FIFO upgrades are available
from IDT. See Table 2 for the IDT part number matrix.
Table 2. IDT Part Number Matrix
Part Number
FIFO Depth
FIFO Speed
IDT72V283-L7-5PF (Default )
32 kB
133 MHz
IDT72V293-L7-5PF
64 kB
133 MHz
IDT72V2103-L7-5PF
132 kB
133 MHz
IDT72V2113-L7-5PF
256 kB
133 MHz
IDT72V283-L6PF
32 kB
166 MHz
IDT72V293-L6PF
64 kB
166 MHz
IDT72V2103-L6PF
132 kB
166 MHz
IDT72V2113-L6PF
256 kB
166 MHz
For more information, visit www.idt.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com