Electronic Components Datasheet Search
  English  ▼

X  

AD9243-EB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9243-EB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9243-EB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9243-EB Datasheet HTML 16Page - Analog Devices AD9243-EB Datasheet HTML 17Page - Analog Devices AD9243-EB Datasheet HTML 18Page - Analog Devices AD9243-EB Datasheet HTML 19Page - Analog Devices AD9243-EB Datasheet HTML 20Page - Analog Devices AD9243-EB Datasheet HTML 21Page - Analog Devices AD9243-EB Datasheet HTML 22Page - Analog Devices AD9243-EB Datasheet HTML 23Page - Analog Devices AD9243-EB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 20 of 28
1
10
11
12
13
14
15
16
2
3
4
5
6
7
89
RZ602
DC15
DC14
DC13
DC12
DC10
DC9
DC8
DC11
D1_11
D1_8
D1_9
D1_10
D1_12
D1_13
D1_14
D1_15
D1_7
D1_6
D1_5
D1_4
D1_2
D1_1
D1_0
D1_3
DC3
DC0
DC1
DC2
DC4
DC5
DC6
DC7
9
8
7
6
5
4
3
2
16
15
14
13
12
11
10
1
RZ601
DC16
D1_16
R603
0Ω
DC17
D1_17
R604
0Ω
74LCX574
CLOCK
D0
D1
D2
D3
D4
D6
D7
GND
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
VCC
OUT_EN
D5
7
1
20
12
13
14
15
16
17
18
19
10
9
8
6
5
4
3
2
11
U601
9
8
7
6
5
4
3
2
16
15
14
13
12
11
10
1
RZ605
Q4
Q3
Q0
Q1
Q2
Q5
Q6
Q7
VCC
QL0
QL1
QL2
QL3
QL4
QL5
QL6
QL7
RENEXT
VCC
C601
0.1µF
QL1
QL2
QL5
QL6
QL7
QL4
QL0
9
8
7
68
67
66
65
64
63
62
61
60
6
59
58
57
56
55
54
53
52
51
50
5
49
48
47
46
45
44
43
42
41
40
4
39
38
37
36
35
34
33
32
31
30
3
29
28
27
26
25
24
23
22
21
20
2
19
18
17
16
15
14
13
12
11
10
1
J601
DC9
DC1
DC12
DC14
DC15
DC4
DC5
QL3
WRT_CLK1
EF1_BHB
FF1_BHB
WEN1
MRS
RCLK
REN1
DC10
DC11
DC7
DC8
DC2
DC3
DC0
DC6
DC13
DC16
DC17
DNP
J603
J602
DNP
REN2M
RCLK
J603: ALLOWS 2 MEG BUFFER TO READ BACK DATA
ON EACH RCLK EDGE.
J602: ALLOWS 2 MEG BUFFER TO READ BACK 1 DATA
ON EVERY 3RD RCLK EDGE. J602 IS FOR
BACKWARD COMPATABILITY IF NEEDED.
CONNECTIONS FOR 2M WORD EXTERNAL MEMORY
EXTERNAL MEMORY OVERRIDES ON BOARD MEMORIES WHEN PLUGGED IN. ONLY A SIDE DATA.
Figure 11. Schematic (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com