Electronic Components Datasheet Search
  English  ▼

X  

AD9243-EB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9243-EB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9243-EB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9243-EB Datasheet HTML 10Page - Analog Devices AD9243-EB Datasheet HTML 11Page - Analog Devices AD9243-EB Datasheet HTML 12Page - Analog Devices AD9243-EB Datasheet HTML 13Page - Analog Devices AD9243-EB Datasheet HTML 14Page - Analog Devices AD9243-EB Datasheet HTML 15Page - Analog Devices AD9243-EB Datasheet HTML 16Page - Analog Devices AD9243-EB Datasheet HTML 17Page - Analog Devices AD9243-EB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 14 of 28
FIFO SCHEMATICS AND PCB LAYOUT
SCHEMATICS
VCC
C101
0.1µF
C102
0.1µF
C103
0.1µF
C104
0.1µF
C105
0.1µF
C106
0.1µF
C107
0.1µF
C108
0.1µF
C109
0.1µF
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
Q17
OE
RT
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
IW
SEN
WEN
DNC
VCC
DNC
GND
VCC
GND
VCC
VCC
GND
GND
VCC
GND
GND
VCC
14
20
3
4
44
46
48
5
51
54
55
58
7
9
17
16
15
13
12
11
10
8
19
18
6
45
47
49
50
52
53
56
57
41
42
43
59
60
2
1
U101
IDT72V283
TQFP80
TOP FIFO
CHANNEL B
Q9
E102
E101
OE1
WEN1
D1_16
D1_17
VCC
Q7
Q8
Q10
Q11
Q13
Q14
Q15
Q16
Q17
Q12
D1_15
D1_14
D1_13
D1_12
D1_11
D1_10
D1_9
D1_8
R101
0Ω
R102
10kΩ
PC2
ALLOW Fx2 TO CONTROL FIFO’S OUTPUT WIDTH
PC2: TRISTATED, NORMAL 16-BIT DATA PATH
PC2: DRIVEN HIGH, 9-BIT OUTPUT ALLOWS
READING 18 BITS IN TWO READS.
R108
DNP
R109
DNP
VCC
WRT_CLK1
Figure 5. PCB Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com