Electronic Components Datasheet Search
  English  ▼

X  

SLTS032A Datasheet(PDF) 4 Page - Texas Instruments

Part # SLTS032A
Description  3 Amp 5V Input Adjustable Integrated Switching Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS032A Datasheet(HTML) 4 Page - Texas Instruments

  SLTS032A Datasheet HTML 1Page - Texas Instruments SLTS032A Datasheet HTML 2Page - Texas Instruments SLTS032A Datasheet HTML 3Page - Texas Instruments SLTS032A Datasheet HTML 4Page - Texas Instruments SLTS032A Datasheet HTML 5Page - Texas Instruments SLTS032A Datasheet HTML 6Page - Texas Instruments SLTS032A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Application Notes continued
PT6400 Series
Table 2
PT6400 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6408
PT6404
PT6406
PT6407
PT6409
PT6405
Vo (nom)
1.2
1.5
1.8
2.1
2.5
3.3
Va (req’d)
1.1
(74.6)k
Ω
1.15
(224.0)k
Ω
1.2
1.25
249.0k
Ω
1.3
99.5k
Ω
(18.6)k
Ω
1.35
49.7k
Ω
(49.7)k
Ω
1.4
24.8k
Ω
(112.0)k
Ω
1.45
(299.0)k
Ω
1.5
(0.0)k
Ω
1.55
324.0k
Ω
(14.8)k
Ω
1.6
137.0k
Ω
(37.3)k
Ω
1.65
74.6k
Ω
(74.6)k
Ω
1.7
43.5k
Ω
(149.0)k
Ω
1.75
24.8k
Ω
(373.0)k
Ω
1.8
12.4k
Ω
(12.4)k
Ω
1.85
398.0k
Ω
(29.8)k
Ω
1.9
174.0k
Ω
(55.9)k
Ω
1.95
99.5k
Ω
(99.5)k
Ω
2.0
62.2k
Ω
(187.0)k
Ω
2.05
39.7k
Ω
(448.0)k
Ω
2.1
24.8k
Ω
(3.0)k
Ω
2.15
14.1k
Ω
473.0k
Ω
(14.1)k
Ω
2.2
6.1k
Ω
212.0k
Ω
(29.0)k
Ω
2.25
124.0k
Ω
(49.7)k
Ω
2.3
80.8k
Ω
(80.8)k
Ω
2.35
54.7k
Ω
(133.0)k
Ω
2.4
37.3k
Ω
(236.0)k
Ω
2.45
24.8k
Ω
(548.0)k
Ω
2.5
15.5k
Ω
2.55
8.2k
Ω
573.0k
Ω
2.6
2.4k
Ω
261.0k
Ω
2.65
158.0k
Ω
2.7
106.0k
Ω
2.75
74.6k
Ω
2.8
53.9k
Ω
(7.4)k
Ω
2.85
39.0k
Ω
(16.5)k
Ω
2.9
27.9k
Ω
(27.9)k
Ω
2.95
19.3k
Ω
(42.6)k
Ω
3.0
12.4k
Ω
(62.2)k
Ω
3.1
2.0k
Ω
(131.0)k
Ω
3.2
(336.0)k
Ω
3.3
3.4
361.0k
Ω
3.5
156.0k
Ω
3.6
87.0k
Ω
3.7
52.8k
Ω
3.8
32.3k
Ω
R1 = Black
R2 = (Blue)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com