Electronic Components Datasheet Search
  English  ▼

X  

SLTS032A Datasheet(PDF) 5 Page - Texas Instruments

Part # SLTS032A
Description  3 Amp 5V Input Adjustable Integrated Switching Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS032A Datasheet(HTML) 5 Page - Texas Instruments

  SLTS032A Datasheet HTML 1Page - Texas Instruments SLTS032A Datasheet HTML 2Page - Texas Instruments SLTS032A Datasheet HTML 3Page - Texas Instruments SLTS032A Datasheet HTML 4Page - Texas Instruments SLTS032A Datasheet HTML 5Page - Texas Instruments SLTS032A Datasheet HTML 6Page - Texas Instruments SLTS032A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
12-Jan-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PT6404D
LIFEBUY SIP MODULE
ECA
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6404E
OBSOLETE SIP MODULE
ECC
12
TBD
Call TI
Call TI
PT6405B
LIFEBUY SIP MODULE
ECK
12
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT6405D
LIFEBUY SIP MODULE
ECA
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6405E
LIFEBUY SIP MODULE
ECC
12
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT6405ET
LIFEBUY SIP MODULE
ECC
12
200
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT6405P
LIFEBUY SIP MODULE
ECD
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6406D
LIFEBUY SIP MODULE
ECA
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6406E
LIFEBUY SIP MODULE
ECC
12
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT6406P
LIFEBUY SIP MODULE
ECD
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6407E
LIFEBUY SIP MODULE
ECC
12
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT6409D
LIFEBUY SIP MODULE
ECA
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6409E
LIFEBUY SIP MODULE
ECC
12
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT6409P
LIFEBUY SIP MODULE
ECD
12
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com