Electronic Components Datasheet Search
  English  ▼

X  

SLTS032A Datasheet(PDF) 1 Page - Texas Instruments

Part # SLTS032A
Description  3 Amp 5V Input Adjustable Integrated Switching Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS032A Datasheet(HTML) 1 Page - Texas Instruments

  SLTS032A Datasheet HTML 1Page - Texas Instruments SLTS032A Datasheet HTML 2Page - Texas Instruments SLTS032A Datasheet HTML 3Page - Texas Instruments SLTS032A Datasheet HTML 4Page - Texas Instruments SLTS032A Datasheet HTML 5Page - Texas Instruments SLTS032A Datasheet HTML 6Page - Texas Instruments SLTS032A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT6400
Standard Application
C1 = Required 100µF electrolytic
C2 = Required 100µF electrolytic
Ordering Information
PT6404
= +1.5 Volts
PT6405
= +3.3 Volts
PT6406
= +1.8 Volts
PT6407
= +2.1 Volts
PT6408
= +1.2 Volts
PT6409
= +2.5 Volts
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
P
Horizontal Through-Hole D
Horizontal Surface Mount
E
Pin
Function
1
Do not connect
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
Vout
12
VoutAdjust
• Single-Device 5V to 3V Power
• 85% Efficiency
• Small SIP Footprint
• Adjustable Output Voltage
The PT6400 is a high performance
+5V to +3.3V, 3 Amp, 12-Pin SIP
(Single In-line Package) Integrated
Switching Regulator (ISR) designed
for stand alone (not parallelable) op-
eration. This high-performance ISR
allows easy integration of low-power
3.3V logic IC’s into existing 5V systems
without redesigning the central power
supply. Only two external capacitors are
required for proper operation. The out-
put voltage is easily adjustable with one
external resistor. The PT6406,7,8 can
be used to terminate high-speed data
buses such as Futurebus (+2.1V) or the
new GTL (+1.2V) logic buses.
Please note that this product does
not include short circuit protection.
3 Amp 5V Input Adjustable
Integrated Switching Regulator
PT6400 Series
Pin-Out Information
Note: Back surface
of product is
conducting metal.
Specifications
Characteristics
PT6400 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
4.5V
≤ Vin ≤ 5.5V
0.1*
—
3.0
A
Current Limit
Icl
Vin = +5V
—
3.6
5.0
A
Input Voltage Range
Vin
0.1A
≤ Io ≤ 3.0A
4.5
—
5.5
V
Output Voltage Tolerance
∆Vo
Vin = +5V, Io = 3.0A
Vo-0.05
—
Vo+0.05
V
0°C
≤ Ta ≤ +70°C
Line Regulation
Regline
4.5V
≤ Vin ≤ 5.5V, Io = 3.0A
—
±10
±25
mV
Load Regulation
Regload
Vin = +5V, 0.3
≤ Io ≤ 3.0A
—
±10
±25
mV
Vo Ripple/Noise
Vn
Vin = 5V, Io = 3.0A
—
66
165
mV
Transient Response
ttr
Io step between 1.5A and 3.0A
—
200
—
µSec
with C2 = 100µF
Vos
Vo over/undershoot
—
200
—
mV
Efficiency
η
Vin = +5V, Io = 1.5A
Vo= 3.3V
—
85
—
%
Vo= 1.8V
—
74
—
%
Vo= 2.1V
—
77
—
%
Vo= 1.2V
—
63
—
%
Switching Frequency
ƒo
4.5V
≤ Vin ≤ 5.5V
500
650
800
kHz
0.3A
≤ Io ≤ 3.0A
Absolute Maximum
Ta
0—
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Free Air Convection (40-60 LFM)
0
—
+ 70**
°C
Temperature Range
At Vin= 5V, Io=2.5A
Thermal Resistance
θja
Free Air Convection (40-60 LFM)
—
25
—
°C/W
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3 , 1 msec,
—500
—G’s
Half Sine, mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
20-2000 Hz, Soldered in a PC board
—
15
—
G’s
Weight
—
—
—
6.5
—
grams
*ISR will operate down to no load with reduced specifications
**See Thermal Derating chart.
Note: The PT6400 Series requires two 100µF electrolytic or tantalum capacitors for proper operation in all applications.
Pkg Style 300
PT6400
C2
100µF
+
COM
V
OUT
2,3,4
5,6,7,8
9,10,11
12
C1
100µF
+
V
IN
COM
R1
(V
O
UP)
R2
(V
O
DOWN)
SLTS032A
(Revised 6/30/2000)


Similar Part No. - SLTS032A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS030B TI-SLTS030B Datasheet
497Kb / 8P
90% Efficiency Adjustable Output Voltage
SLTS033A TI1-SLTS033A Datasheet
533Kb / 6P
Adjustable Output Voltage
SLTS034A TI-SLTS034A Datasheet
237Kb / 10P
8A Single Device Power, Up to 90% efficiency (PT6501), Small SIP Footprint
SLTS034A TI1-SLTS034A Datasheet
241Kb / 10P
Small SIP Footprint
SLTS035A TI1-SLTS035A Datasheet
1Mb / 9P
Single Device 9A Output
More results

Similar Description - SLTS032A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6400 TI-PT6400 Datasheet
227Kb / 5P
3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6600 TI-PT6600 Datasheet
242Kb / 5P
9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
PT6320 TI-PT6320 Datasheet
541Kb / 7P
3 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATORS
PT6120 TI-PT6120 Datasheet
512Kb / 6P
1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6610 TI-PT6610 Datasheet
70Kb / 3P
9 AMP 5V STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6220 TI-PT6220 Datasheet
533Kb / 7P
2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com