Electronic Components Datasheet Search
  English  ▼

X  

PE97022 Datasheet(PDF) 14 Page - Peregrine Semiconductor

Part # PE97022
Description  3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE97022 Datasheet(HTML) 14 Page - Peregrine Semiconductor

Back Button PE97022 Datasheet HTML 6Page - Peregrine Semiconductor PE97022 Datasheet HTML 7Page - Peregrine Semiconductor PE97022 Datasheet HTML 8Page - Peregrine Semiconductor PE97022 Datasheet HTML 9Page - Peregrine Semiconductor PE97022 Datasheet HTML 10Page - Peregrine Semiconductor PE97022 Datasheet HTML 11Page - Peregrine Semiconductor PE97022 Datasheet HTML 12Page - Peregrine Semiconductor PE97022 Datasheet HTML 13Page - Peregrine Semiconductor PE97022 Datasheet HTML 14Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Product Specification
PE97022
Page 14 of 14
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0235-07 │ UltraCMOS® RFIC Solutions
Figure 12. Package Drawing
44-lead CQFJ
Table 10. Ordering Information
All dimensions are in inches
Order Code
Part Marking
Description
Package
Shipping Method
97022-01
PE97022 ES
Engineering Samples
44-pin CQFJ
40 units / Tray
97022-11
PE97022
Flight Units
44-pin CQFJ
40 units / Tray
97022-00
PE97022 EK
Evaluation Kit
1 / Box
97022-99
FA97022
Die Production Units
Die
100 units / waffle pack
Advance Information: The product is in a formative or design stage. The datasheet contains
design target specifications for product development. Specifications and features may change in
any manner without notice. Preliminary Specification: The datasheet contains preliminary data.
Additional data may be added at a later date. Peregrine reserves the right to change specifications
at any time without notice in order to supply the best possible product. Product Specification:
The datasheet contains final data. In the event Peregrine decides to change the specifications,
Peregrine will notify customers of the intended changes by issuing a CNF (Customer Notification
Form).
The information in this datasheet is believed to be reliable. However, Peregrine assumes no
liability for the use of this information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this datasheet are implied or granted to any third
party.
Peregrine’s products are not designed or intended for use in devices or systems intended for surgical
implant, or in other applications intended to support or sustain life, or in any application in which the
failure of the Peregrine product could create a situation in which personal injury or death might occur.
Peregrine assumes no liability for damages, including consequential or incidental damages, arising out of
the use of its products in such applications.
The Peregrine name, logo, UltraCMOS and UTSi are registered trademarks and HaRP, MultiSwitch and
DuNE are trademarks of Peregrine Semiconductor Corp.
Sales Contact and Information
For Sales and contact information please visit www.psemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com