Electronic Components Datasheet Search
  English  ▼

X  

PE97022 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE97022
Description  3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE97022 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE97022 Datasheet HTML 2Page - Peregrine Semiconductor PE97022 Datasheet HTML 3Page - Peregrine Semiconductor PE97022 Datasheet HTML 4Page - Peregrine Semiconductor PE97022 Datasheet HTML 5Page - Peregrine Semiconductor PE97022 Datasheet HTML 6Page - Peregrine Semiconductor PE97022 Datasheet HTML 7Page - Peregrine Semiconductor PE97022 Datasheet HTML 8Page - Peregrine Semiconductor PE97022 Datasheet HTML 9Page - Peregrine Semiconductor PE97022 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Product Specification
PE97022
Page 6 of 14
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0235-07 │ UltraCMOS® RFIC Solutions
Table 6. AC Characteristics: VDD = 3.3 V, -40 °C < TA < 85 °C, unless otherwise specified
Notes: 1. Fclk is verified during the functional pattern test. Serial programming sections of the functional pattern are clocked at 10 MHz to verify Fclk specification.
2. CMOS logic levels can be used to drive the reference input. If the VDD of the CMOS driver matches the VDD of PLL IC, then the reference input can be DC coupled.
Otherwise, the reference input should be AC coupled.
3. Parameter is guaranteed through characterization only and is not tested.
4. Parameters below are not tested for die sales. These parameters are verified during the element evaluation.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
Control Interface and Latches (see Figures 4, 5, 6)
fClk
Serial data clock frequency
(Note 1)
10
MHz
tClkH
Serial clock HIGH time
30
ns
tClkL
Serial clock LOW time
30
ns
tDSU
Sdata set-up time after Sclk rising edge, D[7:0] set-up
time to M1_WR, M2_WR, A_WR, E_WR rising edge
10
ns
tDHLD
Sdata hold time after Sclk rising edge, D[7:0] hold
time to M1_WR, M2_WR, A_WR, E_WR rising edge
10
ns
tPW
S_WR, M1_WR, M2_WR, A_WR, E_WR pulse width
30
ns
tCWR
Sclk rising edge to S_WR rising edge. S_WR,
M1_WR, M2_WR, A_WR falling edge to Hop_WR
rising edge
30
ns
tCE
Sclk falling edge to E_WR transition
30
ns
tWRC
S_WR falling edge to Sclk rising edge. Hop_WR fall-
ing edge to S_WR, M1_WR, M2_WR, A_WR rising
edge
30
ns
tEC
E_WR transition to Sclk rising edge
30
ns
tMDO
MSEL data out delay after Fin rising edge
CL = 12 pf
8
ns
Main Divider (Including Prescaler)4
PFin
Input level range
External AC coupling
275 MHz ≤Freq ≤3200MHz
-5
5
dBm
External AC coupling
3.2 GHz < Freq ≤3.5 GHz
3.15 V ≤VDD ≤3.45 V
0
5
dBm
Main Divider (Prescaler Bypassed)4
Fin
Operating frequency
50
300
MHz
PFin
Input level range
External AC coupling
-5
5
dBm
Reference Divider
fr
Operating frequency
(Note 3)
100
MHz
Pfr
Reference input power2
Single-ended input
-2
10
dBm
Phase Detector
fc
Comparison frequency
(Note 3)
50
MHz
SSB Phase Noise (Fin = 1.9 GHz, fr = 20 MHz, fc = 20 MHz, LBW = 50 kHz, VDD = 3.3 V, Temp = 25 C)4
N
Phase Noise
100 Hz Offset
-89
dBc/Hz
N
Phase Noise
1 kHz Offset
-95
dBc/Hz
N
Phase Noise
10 kHz Offset
-102
dBc/Hz
SSB Phase Noise (Fin = 1.9 GHz, fr = 20 MHz, fc = 20 MHz, LBW = 50 kHz, VDD = 3.0 V, Temp = 25 C)4
N
Phase Noise
100 Hz Offset
-87
dBc/Hz
N
Phase Noise
1 kHz Offset
-94
dBc/Hz
N
Phase Noise
10 kHz Offset
-101
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com