Electronic Components Datasheet Search
  English  ▼

X  

BC868 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # BC868
Description  20 V, 2 A NPN medium power transistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC868 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button BC868 Datasheet HTML 10Page - NXP Semiconductors BC868 Datasheet HTML 11Page - NXP Semiconductors BC868 Datasheet HTML 12Page - NXP Semiconductors BC868 Datasheet HTML 13Page - NXP Semiconductors BC868 Datasheet HTML 14Page - NXP Semiconductors BC868 Datasheet HTML 15Page - NXP Semiconductors BC868 Datasheet HTML 16Page - NXP Semiconductors BC868 Datasheet HTML 17Page - NXP Semiconductors BC868 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
BCP68_BC868_BC68PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 18 October 2011
14 of 23
NXP Semiconductors
BCP68; BC868; BC68PA
20 V, 2 A NPN medium power transistors
VCE =1V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Tamb =25 C
Fig 15. DC current gain as a function of collector
current; typical values
Fig 16. Collector current as a function of
collector-emitter voltage; typical values
VCE =1V
(1) Tamb = 55 C
(2) Tamb =25 C
(3) Tamb = 100 C
IC/IB =10
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Fig 17. Base-emitter voltage as a function of collector
current; typical values
Fig 18. Collector-emitter saturation voltage as a
function of collector current; typical values
006aac694
200
100
300
400
hFE
0
IC (A)
10–4
10
1
10–3
10–1
10–2
(1)
(2)
(3)
VCE (V)
05
4
23
1
006aac710
0.8
1.6
2.4
IC
(A)
0.0
IB (mA) = 10
9
8
7
6
5
4
3
2
1
006aac695
0.4
0.8
1.2
VBE
(V)
0
IC (A)
10–1
104
103
1102
10
(1)
(2)
(3)
006aac696
10–1
10–2
1
VCEsat
(V)
10–3
IC (mA)
10–1
104
103
1102
10
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com