Electronic Components Datasheet Search
  English  ▼

X  

BC868 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # BC868
Description  20 V, 2 A NPN medium power transistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC868 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button BC868 Datasheet HTML 12Page - NXP Semiconductors BC868 Datasheet HTML 13Page - NXP Semiconductors BC868 Datasheet HTML 14Page - NXP Semiconductors BC868 Datasheet HTML 15Page - NXP Semiconductors BC868 Datasheet HTML 16Page - NXP Semiconductors BC868 Datasheet HTML 17Page - NXP Semiconductors BC868 Datasheet HTML 18Page - NXP Semiconductors BC868 Datasheet HTML 19Page - NXP Semiconductors BC868 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
BCP68_BC868_BC68PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 18 October 2011
16 of 23
NXP Semiconductors
BCP68; BC868; BC68PA
20 V, 2 A NPN medium power transistors
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
Valid for all available selection groups.
[3]
T1: normal taping
[4]
T3: 90
 rotated taping
Fig 21. Package outline SOT1061 (HUSON3)
09-11-12
Dimensions in mm
0.65
max
2.1
1.9
1.6
1.4
0.35
0.25
0.45
0.35
2.1
1.9
1.1
0.9
0.3
0.2
1.05
0.95
1.3
2
3
1
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type
number[2]
Package
Description
Packing quantity
1000
3000
4000
BCP68
SOT223
8 mm pitch, 12 mm tape and reel
-115
-
-135
BC868
SOT89
8 mm pitch, 12 mm tape and reel; T1
[3] -115
-
-135
8 mm pitch, 12 mm tape and reel; T3
[4] -146
-
-
BC68PA
SOT1061
4 mm pitch, 8 mm tape and reel
-
-115
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com