Electronic Components Datasheet Search
  English  ▼

X  

2547 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2547
Description  PROTECTED QUAD POWER DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2547 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2547 Datasheet HTML 1Page - Allegro MicroSystems 2547 Datasheet HTML 2Page - Allegro MicroSystems 2547 Datasheet HTML 3Page - Allegro MicroSystems 2547 Datasheet HTML 4Page - Allegro MicroSystems 2547 Datasheet HTML 5Page - Allegro MicroSystems 2547 Datasheet HTML 6Page - Allegro MicroSystems 2547 Datasheet HTML 7Page - Allegro MicroSystems 2547 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2547
PROTECTED
QUAD POWER DRIVERS
Providing interface between low-level logic and power loads, the
UDK/UDN/UDQ2547B and UDK/UDN/UDQ2547EB quad power
drivers combine logic gates and high-current bipolar outputs with
complete output protection. Each of the four outputs will sink 600 mA
in the ON state. The outputs have a minimum breakdown voltage
(load dump) of 60 V and a sustaining voltage of 40 V. The inputs are
compatible with TTL and 5 V CMOS logic systems and include internal
pull-down resistors to ensure that the outputs remain OFF if the inputs
are open-circuited.
Over-current protection for each channel has been designed into
these devices and is activated at approximately 1.3 A. It protects each
output from short circuits with supply voltages up to 25 V. When a
maximum driver output current is reached, that output drive is reduced
linearly, maintaining a constant load current. If the over-current or
short circuit condition continues, each channel has an independent
thermal limit circuit which will sense the rise in junction temperature
and turn OFF the individual channel that is at fault. Foldback circuitry
decreases the output current if excessive voltage is present across the
output and assists in keeping the device within its SOA (safe operating
area).
Each output also includes diagnostics for increased device protec-
tion. If any output is shorted or opened, the diagnostics can signal the
controlling circuitry through a common FAULT pin.
These devices can be used to drive various resistive loads includ-
ing incandescent lamps (without warming or limiting resistors). With
the addition of external output clamp diodes, they can be used to drive
inductive loads such as relays, solenoids, or dc stepping motors.
The suffix ‘B’ devices are 16-pin power DIPs while the suffix ‘EB’
devices are 28-lead power PLCCs for surface-mount applications.
Both packages are of batwing construction to provide for maximum
package power dissipation.
UDx2547B
2547
PROTECTED
QUAD POWER DRIVERS
ABSOLUTE MAXIMUM RATINGS
at TA = 25°C
Output Voltage, VOUT ............................ 60 V
Over-Current Protected Output Voltage,
VOUT ............................................... 25 V
Output Current, IOUT .......................... 1.3 A*
FAULT Output Voltage, VF ................... 40 V
Supply Voltage, VCC ............................ 7.0 V
Input Voltage, VIN or VEN ...................... 7.0 V
Package Power Dissipation,
PD ........................................ See Graph
Operating Temperature Range, TA
Prefix ‘UDK’ ............... -40
°C to +125°C
Prefix ‘UDN’ ................. -20
°C to +85°C
Prefix ‘UDQ’ ................. -40
°C to +85°C
Storage Temperature Range,
TS ............................... -55°C to +150°C
*Outputs are current limited at approximately
1.3 A per driver and junction temperature limited
if current in excess of 1.3 A is attempted. See
Circuit Description and Application for further
information.
Always order by complete part number: a prefix to indicate operat-
ing temperature range + the basic four-digit part number + a suffix to
indicate package style, e.g., UDK2547EB .
FEATURES
s Output SOA Protection
s Low Output-Saturation Voltage
s Diagnostic FAULT Output s TTL and 5 V CMOS Compatible Inputs
s Independent Over-Current Protection for Each Driver
s Independent Thermal Protection for Each Driver
s 600 mA Output Current per Channel
1
2
3
14
4
5
6
7
89
10
11
12
13
15
16
ENABLE
GROUND
GROUND
OUT
3
NO
CONNECT.
GROUND
GROUND
OUT2
OUT1
FAULT
OUT4
V
CC
IN 4
Dwg. PP-018A
IN1
IN2
IN 3
SUPPLY


Similar Part No. - 2547

ManufacturerPart #DatasheetDescription
logo
Heyco.
2547 HEYCO-2547 Datasheet
132Kb / 1P
Break-Away Bumpers
2547 HEYCO-2547 Datasheet
132Kb / 1P
Break-Away Bumpers
logo
Adafruit Industries
2547 ADAFRUIT-2547 Datasheet
1Mb / 2P
Flexible 16x16 NeoPixel RGB LED Matrix
1-8-18
logo
KR Electronics, Inc.
2547-2000 KR-2547-2000 Datasheet
127Kb / 2P
Lowpass Filter
2547-4000 KR-2547-4000 Datasheet
126Kb / 2P
Lowpass Filter
More results

Similar Description - 2547

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
PROTECTED QUAD POWER DRIVER
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
Quad-Gated, Inverting Power Drivers
August 1997
logo
Allegro MicroSystems
UDN5741M ALLEGRO-UDN5741M Datasheet
435Kb / 6P
DUAL PERIPHERAL POWER DRIVERS TRANSIENT PROTECTED OUTPUTS
A2559 ALLEGRO-A2559 Datasheet
118Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
List of Unclassifed Man...
UDN5703 ETC1-UDN5703 Datasheet
336Kb / 4P
QUAD 2-INPUT PERIPHERAL/POWER DRIVERS-TRANSIENT-PROTECTED OUTPUTS
logo
Allegro MicroSystems
2559 ALLEGRO-2559_07 Datasheet
469Kb / 8P
PROTECTED QUAD POWER DRIVER
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com