Electronic Components Datasheet Search
  English  ▼

X  

2547 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 2547
Description  PROTECTED QUAD POWER DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2547 Datasheet(HTML) 3 Page - Allegro MicroSystems

  2547 Datasheet HTML 1Page - Allegro MicroSystems 2547 Datasheet HTML 2Page - Allegro MicroSystems 2547 Datasheet HTML 3Page - Allegro MicroSystems 2547 Datasheet HTML 4Page - Allegro MicroSystems 2547 Datasheet HTML 5Page - Allegro MicroSystems 2547 Datasheet HTML 6Page - Allegro MicroSystems 2547 Datasheet HTML 7Page - Allegro MicroSystems 2547 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2547
PROTECTED
QUAD POWER DRIVERS
STATUS
INN
ENABLE
OUTN
FAULT
Normal Load
H
H
L
H
LH
H
H
XL
H
H
Over-Current or
Short to Supply
H
H
R
L
Thermal Fault
H
H
H
L
Open Load or
Short to Ground
L
H
L
L
ELECTRICAL CHARACTERISTICS at TA = +25°C (prefix ‘UDN’) or over operating
temperature range (prefix ‘UDK’ or ‘UDQ’), VCC = 4.75 V to 5.5 V
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current*
IOUT
VOUT = 60 V, VIN = 0.8 V, VEN = 2.0 V
—
30
150
µA
VOUT = 60 V, VIN = 2.0 V, VEN = 0.8 V
—
30
150
µA
Output Sustaining Voltage
VOUT(SUS)
IOUT = 100 mA, VIN = 0.8 V, VCC = Open
40
—
—
V
Output Saturation Voltage
VOUT(SAT)
IOUT = 400 mA
—
—
300
mV
IOUT = 500 mA
—
—
400
mV
IOUT = 600 mA
—
—
550
mV
Over-Current Limit
IOUT
5 ms PulseTest, VOUT = 5.0 V
—
1. 3
1.7
A
Input Voltage
Logic 1
VIN(1) or VEN(1)
2.0
—
—
V
Logic 0
VlN(0) or VEN(0)
—
—
0.8
V
Input Current
Logic 1
VIN(1) or VEN(1) = 2.0 V
—
—
60
µA
Logic 0
VIN(0) or VEN(0) = 0.8 V
10
—
—
µA
Fault Output Leakage Current
IF
VF = 40 V
—
<1.0
2.0
µA
Fault Output Current
IF
VF = 40 V, Driver Outputs Open,
VIN = 0.8 V, VEN = 2.0 V
40
60
80
µA
Fault Output Saturation Voltage
VF(SAT)
IF = 30 µA
—
0.1
0.4
V
Total Supply Current
ICC
All Outputs ON
—
45
50
mA
All Outputs OFF
—
6.0
10
mA
Thermal Shutdown
TJ
—
165
—
°C
Thermal Hysteresis
∆T
J
—15
—
°C
Typical Data is for design information only.
*Measurement includes XOR input current
and other elements.
X = Don’t care.
R = Linear drive, current limited.
TRUTH TABLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com