Electronic Components Datasheet Search
  English  ▼

X  

2547 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 2547
Description  PROTECTED QUAD POWER DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2547 Datasheet(HTML) 4 Page - Allegro MicroSystems

  2547 Datasheet HTML 1Page - Allegro MicroSystems 2547 Datasheet HTML 2Page - Allegro MicroSystems 2547 Datasheet HTML 3Page - Allegro MicroSystems 2547 Datasheet HTML 4Page - Allegro MicroSystems 2547 Datasheet HTML 5Page - Allegro MicroSystems 2547 Datasheet HTML 6Page - Allegro MicroSystems 2547 Datasheet HTML 7Page - Allegro MicroSystems 2547 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2547
PROTECTED
QUAD POWER DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
CIRCUIT DESCRIPTION AND APPLICATION
These devices monitor their outputs for open or shorted conditions.
Both conditions are sensed by comparing the input and output states.
Note that the FAULT output is operational only if the ENABLE input is
high. When a fault condition is sensed, the FAULT output will go to a
low state. An external FAULT output filter capacitor (0.1
µF) is recom-
mended to eliminate erroneous switching.
INCANDESCENT LAMP DRIVER
High incandescent lamp turn-ON/in-rush currents can contribute to
poor lamp reliability and destroy semiconductor lamp drivers.
Warming (parallel) or current-limiting (series) resistors protect both
driver and lamp but use significant power either when the lamp is OFF
or when the lamp is ON, respectively. Lamps with steady-state current
ratings up to 600 mA can be driven without the need for warming or
current-limiting resistors, if lamp turn-ON time is not a concern.
When an incandescent lamp is initially turned ON, the cold filament
is at minimum resistance and would normally allow a 10x to 12x in-rush
current. With these drivers, during turn-ON, the high in-rush current is
sensed by the internal low-value sense resistor, drive current to the
output stage is diverted by the shunting transistor, the output stage
operates in a linear mode, and the load current is limited to approxi-
mately 1.3 A. During lamp warmup, the filament resistance increases
to its maximum value, the output driver goes into saturation and applies
maximum rated voltage to the lamp.
INDUCTIVE LOAD DRIVER
With the addition of external clamp diodes, bifilar (unipolar)
stepper motors and other inductive loads can be driven directly.
The external diodes prevent damage to the output transistors by
suppressing the high-voltage spikes that occur when turning
OFF an inductive load. For rapid current decay (fast turn-OFF speeds),
the use of Zener diodes will raise the flyback voltage and improve
performance. However, the peak voltage must not exceed the speci-
fied minimum sustaining voltage (VSUPPLY + VZ + VF ≤ VOUT(SUS)).
OVER-CURRENT CONDITIONS
In the event of a shorted load, or stalled motor, the load current
will attempt to increase. As described above, the drive current to the
affected output stage is linearly reduced (limiting the load current to
about 1.3 A), causing the output stage to go linear. As the junction
temperature of the output stage increases, the thermal shutdown circuit
will shut OFF the affected output. If the fault condition is corrected, the
output driver will return to its normal saturated condition.
NORMAL LAMP IN-RUSH CURRENT
TIME
Dwg. WP-005A
NOT TO SCALE
CURRENT LIMIT
THERMAL SHUTDOWN
THERMAL HYSTERESIS
SHORT CIRCUIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com