Electronic Components Datasheet Search
  English  ▼

X  

2557 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2557
Description  PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2557 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2557 Datasheet HTML 1Page - Allegro MicroSystems 2557 Datasheet HTML 2Page - Allegro MicroSystems 2557 Datasheet HTML 3Page - Allegro MicroSystems 2557 Datasheet HTML 4Page - Allegro MicroSystems 2557 Datasheet HTML 5Page - Allegro MicroSystems 2557 Datasheet HTML 6Page - Allegro MicroSystems 2557 Datasheet HTML 7Page - Allegro MicroSystems 2557 Datasheet HTML 8Page - Allegro MicroSystems 2557 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2557
PROTECTED QUAD LOW-SIDE DRIVER
WITH FAULT DETECTION & SLEEP MODE
The A2557xB, A2557xEB, and A2557xLB have been specifically
designed to provide cost-effective solutions to relay-driving applications with
up to 300 mA drive current per channel. They may also be used for driving
incandescent lamps in applications where turn-on time is not a concern. Each
of the four outputs will sink 300 mA in the on state. The outputs have a
minimum breakdown voltage of 60 V and a sustaining voltage of 40 V. A
low-power Sleep Mode is activated with either ENABLE low or all inputs
low. In this mode, the supply current drops to below 100
µA.
Over-current protection for each channel has been designed into these
devices and is activated at a nominal 500 mA. It protects each output from
short circuits with supply voltages up to 32 V. When an output experiences a
short circuit, the output current is limited at the 500 mA current clamp. In
addition, foldback circuitry decreases the current limit if an excessive voltage
is present across the output and assists in keeping the device within its SOA
(safe operating area). An exclusive-OR circuit compares the input and output
state of each driver. If either a short or open load condition is detected, a
single FAULT output is turned on (active low). Similar devices, for operation
to 1.3 A, are available as the UDx2547B/EB.
Continuous or multiple overload conditions causing the channel tempera-
ture to reach approximately 165
°C will result in an additional linear decrease
in the output current of the affected driver. If the fault condition is corrected,
the output stage will return to its normal saturated condition.
The first character of the part number suffix determines the device
operating temperature range. Suffix ‘S-’ is the standard -20
°C to +85°C;
suffix ‘E-’ is -40
°C to +85°C; suffix ‘K-’ is for the industrial temperature
range of -40
°C to +125°C. Package suffix ‘-B’ devices are 16-pin power
DIPs; suffix ‘-EB’ devices are 28-lead power PLCCs; and suffix ‘-LB’ are 16-
lead power wide-body SOICs for surface-mount applications. All packages
are of batwing construction to provide for maximum package power dissipa-
tion.
FEATURES
I 300 mA Output Current per Channel
I Independent Over-Current Protection &Thermal Limiting for Each Driver
I Output Voltage to 60 V
I Output SOA Protection
I Fault-Detection Circuitry for Open or Shorted Load
I Low Quiescent Current Sleep Mode
I Integral Output Flyback/Clamp Diodes
I TTL- and 5 V CMOS-Compatible Inputs
1
2
3
14
4
5
6
7
8
9
10
11
12
13
15
16
ENABLE
GROUND
GROUND
OUT
3
FAULT
GROUND
GROUND
OUT2
OUT1
K
OUT4
V
CC
IN 4
Dwg. PP-017-4
IN1
IN2
IN 3
A2557xLB
Note that the A2557xB (DIP) and the A2557xLB
(SOIC) are electrically identical and share a
common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Output Voltage, VO .............................. 60 V
Over-Current Protected Output Voltage,
VO ..................................................... 32 V
Output Current, IO ......................... 500 mA*
FAULT Output Voltage, VFLT ............. 60 V
Logic Supply Voltage, VCC ................. 7.0 V
Input Voltage, VI or VOE ..................... 7.0 V
Package Power Dissipation,
PD ........................................... See Graph
Operating Temperature Range, TA
Suffix ‘S-’ ...................... -20
°C to +85°C
Suffix ‘E-’ ...................... -40
°C to +85°C
Suffix ‘K-’ ................... -40
°C to +125°C
Junction Temperature,
TJ ............................................... +150
°C*
Storage Temperature Range,
TS ................................. -55
°C to +150°C
*Outputs are current limited at approximately
500 mA per driver and junction temperature
limited if higher current is attempted.
Complete part number includes a suffix to identify operating temperature
range (E-, K-, or S-) and package type (-B, -EB, or -LB). Always order by
complete part number, e.g., A2557KLB .


Similar Part No. - 2557

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2557 ALLEGRO-2557 Datasheet
1Mb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
logo
KR Electronics, Inc.
2557 KR-2557 Datasheet
87Kb / 2P
Highpass Filter
logo
List of Unclassifed Man...
2557 ETC2-2557 Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
2557 ETC2-2557 Datasheet
3Mb / 6P
Bandwidth up to 300 MHz
logo
Heyco.
2557 HEYCO-2557 Datasheet
153Kb / 1P
Louvered Plugs
More results

Similar Description - 2557

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
Quad USB High-Side Power Switch with Fault Detection
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
A2557ELB ALLEGRO-A2557ELB Datasheet
154Kb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
2557 ALLEGRO-2557_06 Datasheet
1Mb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
logo
Linear Technology
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
A2557 ALLEGRO-A2557_09 Datasheet
306Kb / 12P
Protected Quad Driver with Fault Detection and Sleep Mode
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
DS3668 Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
Protected Quad Driver with Fault Detection and Sleep Mode
logo
Texas Instruments
TCAN1043A-Q1 TI1-TCAN1043A-Q1_V02 Datasheet
2Mb / 54P
TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com