Electronic Components Datasheet Search
  English  ▼

X  

2557 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2557
Description  PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2557 Datasheet(HTML) 2 Page - Allegro MicroSystems

  2557 Datasheet HTML 1Page - Allegro MicroSystems 2557 Datasheet HTML 2Page - Allegro MicroSystems 2557 Datasheet HTML 3Page - Allegro MicroSystems 2557 Datasheet HTML 4Page - Allegro MicroSystems 2557 Datasheet HTML 5Page - Allegro MicroSystems 2557 Datasheet HTML 6Page - Allegro MicroSystems 2557 Datasheet HTML 7Page - Allegro MicroSystems 2557 Datasheet HTML 8Page - Allegro MicroSystems 2557 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2557
PROTECTED QUAD DRIVER
WITH FAULT DETECTION
& SLEEP MODE
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2
Copyright © 1998, 2000, Allegro MicroSystems, Inc.
FUNCTIONAL BLOCK DIAGRAM
<<1
Ω
OUT
Dwg. FP-007-2
N
ENABLE
IN N
FAULT
COMMON CONTROL
ONE OF FOUR DRIVERS
CURRENT
LIMIT
THERMAL
LIMIT
SLEEP
CONTROL
30
µA
60
µA
2.5 V
–
+
K
V CC
A2557xEB
5
6
7
8
9
10
11
19
20
21
22
23
24
25
GROUND
GROUND
GROUND
GROUND
Dwg. PP-019-2
NC
NC
CC
V
50
75
100
125
150
5
3
2
1
0
TEMPERATURE IN
°C
4
25
R
= 6
°C/W
θJT
Dwg. GP-004-2A
SUFFIX 'EB', R
= 36
°C/W
θJA
SUFFIX 'B', R
= 43
°C/W
θJA
SUFFIX 'LB', R
= 63
°C/W
θJA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com