Electronic Components Datasheet Search
  English  ▼

X  

2557 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 2557
Description  PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2557 Datasheet(HTML) 4 Page - Allegro MicroSystems

  2557 Datasheet HTML 1Page - Allegro MicroSystems 2557 Datasheet HTML 2Page - Allegro MicroSystems 2557 Datasheet HTML 3Page - Allegro MicroSystems 2557 Datasheet HTML 4Page - Allegro MicroSystems 2557 Datasheet HTML 5Page - Allegro MicroSystems 2557 Datasheet HTML 6Page - Allegro MicroSystems 2557 Datasheet HTML 7Page - Allegro MicroSystems 2557 Datasheet HTML 8Page - Allegro MicroSystems 2557 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2557
PROTECTED QUAD DRIVER
WITH FAULT DETECTION
& SLEEP MODE
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
TYPICAL OPERATING CHARACTERISTICS
100
Dwg. GP-064
200
400
300
OUTPUT CURRENT IN MILLIAMPERES
0
0.3
0.2
0.1
0
VCC = 5 V
TA
=
125
°C
TA
= 25
°C
TA
= -4
0°C
10
Dwg. GP-065
20
40
30
OUTPUT VOLTAGE IN VOLTS
0
600
500
400
300
TA = +25
°C
VCC = 5 V
100
Dwg. GP-066-1
200
400
300
OUTPUT CURRENT IN MILLIAMPERES
0
3
2
1
0
TA = +25
°C
VCC = 5 V
ENABLE SWITCHING
IN SWITCHING (FROM SLEEP)
IN SWITCHING (AWAKE)
100
Dwg. GP-066
200
400
300
OUTPUT CURRENT IN MILLIAMPERES
0
6
4
2
0
TA = +25
°C
VCC = 5 V
ENABLE
SWITCHING
IN S
WIT
CHIN
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com