Electronic Components Datasheet Search
  English  ▼

X  

2927 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2927
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2927 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2927 Datasheet HTML 1Page - Allegro MicroSystems 2927 Datasheet HTML 2Page - Allegro MicroSystems 2927 Datasheet HTML 3Page - Allegro MicroSystems 2927 Datasheet HTML 4Page - Allegro MicroSystems 2927 Datasheet HTML 5Page - Allegro MicroSystems 2927 Datasheet HTML 6Page - Allegro MicroSystems 2927 Datasheet HTML 7Page - Allegro MicroSystems 2927 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2927
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
GND
GND
GND
GND
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
34
33
32
31
Dwg. PP-021
1
2
PWM 1
PWM 2
The A2927SEB motor driver is designed to drive both windings of a
bipolar stepper motor or bidirectionally control two dc motors. Both
bridges are capable of sustaining 50 V and include internal pulse-width
modulation (PWM) control of the output current to 1.5 A.
For PWM current control, the maximum output current is determined
by the user’s selection of a reference voltage and sensing resistor. Two
logic-level inputs select output current limits of 0, 33%, 67%, or 100%
of the maximum level. A PHASE input to each bridge determines load
current direction. Active-low ENABLE inputs control the four drivers in
each bridge.
Internally generated delays prevent cross-over currents when
switching current direction. Special power-up sequencing is not required.
Thermal protection circuitry disables the outputs if the chip temperature
exceeds safe operating limits.
The A2927SEB is supplied in a 44-lead power PLCC for surface-
mount applications. Its batwing construction provides for maximum
package power dissipation in the smallest possible construction.
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
Always order by complete part number: A2927SEB .
FEATURES
s 1.5 A Output Current
s 50 V Output Sustaining Voltage
s Internal Flyback Diodes
s Digital Control of Output Current
s Undervoltage Lockout
s Internal Thermal Shutdown Circuitry
2927
PRELIMINARY INFORMATION
(Subject to change without notice)
September 16, 1997
ABSOLUTE MAXIMUM RATINGS
at T
J ≤ +150°C
Motor Supply Voltage, VBB ................... 50 V
Output Current, IOUT .........................
±1.5 A
Logic Supply Voltage, VCC ................... 7.0 V
Logic Input Voltage Range,
VIN ............................... -0.3 V to +7.0 V
Output Emitter Voltage, VE .................. 1.0 V
Package Power Dissipation,
PD ........................................ See Graph
Operating Temperature Range,
TA ................................. -20
°C to +85°C
Storage Temperature Range,
TS ............................... -55
°C to +150°C
Output current rating may be limited by duty cycle,
ambient temperature, and heat sinking. Under any
set of conditions, do not exceed the specified peak
current rating or a junction temperature of +150
°C.


Similar Part No. - 2927

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2927 KR-2927 Datasheet
52Kb / 3P
440 MHz End of Passband < 3 dB
logo
Vishay Siliconix
29271E3 VISHAY-29271E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
logo
Belden Inc.
29275 BELDEN-29275 Datasheet
570Kb / 4P
PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12
02-03-2025
29277 BELDEN-29277 Datasheet
399Kb / 3P
PROFIBUS Data Single-Ended Cordset
More results

Similar Description - 2927

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com