Electronic Components Datasheet Search
  English  ▼

X  

2927 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2927
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2927 Datasheet(HTML) 2 Page - Allegro MicroSystems

  2927 Datasheet HTML 1Page - Allegro MicroSystems 2927 Datasheet HTML 2Page - Allegro MicroSystems 2927 Datasheet HTML 3Page - Allegro MicroSystems 2927 Datasheet HTML 4Page - Allegro MicroSystems 2927 Datasheet HTML 5Page - Allegro MicroSystems 2927 Datasheet HTML 6Page - Allegro MicroSystems 2927 Datasheet HTML 7Page - Allegro MicroSystems 2927 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2927
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
PWM CURRENT-CONTROL CIRCUITRY
TRUTH TABLE
Enable
Phase
Out
A
Out
B
LH
H
L
LL
L
H
HX
Z
Z
X = Don’t care
Z = High impedance
VREF
V
BB
OUTA
OUT
22
Dwg. EP-007-4
SENSE
ONE
SHOT
SOURCE
DISABLE
RC
–
+
I 0
I1
÷10
E
B
CHANNEL 1
PIN NUMBERS
SHOWN.
RC
R
S
R
T
C
C
C
T
20 k
Ω
40 k
Ω
10 k
Ω
3
6
5
4
41
2
1
44
50
75
100
125
150
TEMPERATURE IN
°C
25
Dwg. GP-020-1
12.5
2.5
0
10
7.5
5.0
R
= 35°C/W
θJA
Copyright © 1997 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com