Electronic Components Datasheet Search
  English  ▼

X  

2927 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 2927
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2927 Datasheet(HTML) 3 Page - Allegro MicroSystems

  2927 Datasheet HTML 1Page - Allegro MicroSystems 2927 Datasheet HTML 2Page - Allegro MicroSystems 2927 Datasheet HTML 3Page - Allegro MicroSystems 2927 Datasheet HTML 4Page - Allegro MicroSystems 2927 Datasheet HTML 5Page - Allegro MicroSystems 2927 Datasheet HTML 6Page - Allegro MicroSystems 2927 Datasheet HTML 7Page - Allegro MicroSystems 2927 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2927
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
ELECTRICAL CHARACTERISTICS at T
A
= +25
°C, V
BB
= 50 V, V
CC
= 5.0 V, V
REF
= 5.0 V (unless
otherwise noted).
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers (OUT
A
or OUT
B
)
Motor Supply Range
V
BB
I
OUT = ±1.5 A, L = 15 mH
10
—
50
V
Output Leakage Current
I
CEX
V
OUT
= V
BB
—
<1.0
5.0
µA
V
OUT
= 0
—
<-1.0
-5.0
µA
Output Saturation Voltage
V
CE(SAT)
Sink Driver, I
OUT
= +1.0 A*
—
0.5
0.7
V
Sink Driver, I
OUT
= +1.5 A*
—
0.8
0.9
V
Source Driver, I
OUT
= -1.0 A*
—
1.8
1.9
V
Source Driver, I
OUT
= -1.5 A*
—
1.9
2.0
V
Flyback Diode Forward Volt.
V
F
I
F
= 1.5 A
—
1.6
2.0
V
Driver Supply Current
I
BB(ON)
Both Bridges ON, No Load
—
6.5
9.0
mA
I
BB(OFF)
Both Bridges OFF
—
4.0
4.0
mA
Control Logic
Input Voltage
V
IN(1)
All Inputs
2.4
—
—
V
V
IN(0)
All Inputs
—
—
0.8
V
Input Current
I
IN(1)
V
IN
= 2.4 V
—
<1.0
20
µA
I
IN(0)
V
IN
= 0.8 V
—
-3.0
-200
µA
Reference Voltage Range
V
REF
Operating
1.5
—
7.5
V
Current Limit Threshold
V
REF
/V
SENSE
I
0
= I
1
= 0.8 V
9.5
10
10.5
—
I
0
= 2.4 V, I
1
= 0.8 V
13.5
15
16.5
—
I
0
= 0.8 V, I
1
= 2.4 V
25.5
30
34.5
—
Thermal Shutdown Temp.
T
J
—
170
—
°C
Total Logic Supply Current
I
CC(ON)
I
0
= I
1
= V
EN
= 0.8 V, No Load
—
90
105
mA
I
CC(OFF)
I
0
= I
1 = 2.4 V, No Load
—
10
12
mA
Negative current is defined as coming out of (sourcing) the specified device pin.
Typical Data is for design information only.
* Pulse test (<10 ms).
Limits
(at trip point)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com