Electronic Components Datasheet Search
  English  ▼

X  

4-BMA2 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 4-BMA2
Description  Every edding a specialist
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-BMA2 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 4-BMA2 Datasheet HTML 15Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 16Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 17Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 18Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 19Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 20Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 21Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 22Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
19
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 1600 europe
Fineliner with plastic tip.
Comes complete with edding 1601 M cartridge.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-1600Mxxx*
Fineliner with metal-framed plastic tip.
Comes complete with edding 1603 F cartridge.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-1600Fxxx*
004
003
002
001
~0.5+0.3 mm
edding refills
edding 1702 F VARIO
Cartridge with metal-framed plastic tip,
stroke width approx. 0.3 mm.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-1702xxx*
edding 1706 M VARIO
Cartridge with metal-framed plastic tip,
stroke width approx. 0.5 mm.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-1706xxx*
edding 1707 R VARIO
Cartridge with metal-framed roller tip,
stroke width approx. 0.5 mm.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-1707xxx*
edding 1708 VARIO gel
Cartridge with metal-framed roller tip,
stroke width approx. 0.7 mm.
Colours: 001–004,
053–055, 073, 074, 078, 079.
Order no.
Box of 10 in each colour.
4-1708xxx*
edding 1601 M
Cartridge with plastic tip,
stroke width approx. 0.5 mm.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-1601xxx*
edding 1603 F
Cartridge with metal-framed plastic tip,
stroke width approx. 0.3 mm.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-1603xxx*
004
003
002
001
004
003
002
001
004
003
002
001
004
003
002
001
004
003
002
001
004
053
054
055
073
074
078
079
003
002
001
edding 2190 gel roller
Gel roller with metal-framed roller tip,
push-button mechanism and rubber grip,
water-based gel ink.
Colours: 001–004,
053–055, 073, 074, 078, 079.
Order no.
Box of 10 in each colour.
4-1700-4Gxxx*
Refillable with cartridge edding 1708 VARIO gel.
2190/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-2190-4
2190/7 S Wallet of 7 markers.
Order no.
Colours: 053–055, 073, 074, 078, 079.
4-2190-7
004
053
054
055
073
074
078
079
003
002
001
~0.7 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com