Electronic Components Datasheet Search
  English  ▼

X  

4-BMA2 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # 4-BMA2
Description  Every edding a specialist
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-BMA2 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 4-BMA2 Datasheet HTML 23Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 24Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 25Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 26Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 27Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 28Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 29Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 30Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
27
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 380
Flipchart marker with bullet tip,
water-based ink with neutral smell.
Cap can be left off for up to several weeks
without drying out.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-380xxx*
380/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-380-4
30/360/380 N Spare tips.
Order no.
Box of 10.
4-380N
~1.5–3 mm
004
003
002
001
edding 383
Flipchart marker with chisel tip,
water-based ink with neutral smell.
Cap can be left off for up to several weeks
without drying out.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-383xxx*
383/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-383-4
383/340 N Spare tips.
Order no.
Box of 10.
4-340383N
~1–5 mm
004
003
002
001
FLIPCHART MARKERS
Specially designed for writing on and marking flipchart paper, presentation paper and cards. Ink will not bleed through
the paper. “Cap-off” ink – markers can be left without the cap on for a several weeks without drying out. Almost all
models refillable. Also highly effective for presentations.
edding 388
Flipchart marker
with bullet tip,
water-based ink
with neutral smell.
Cap can be left off for
up to several weeks
without drying out.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-388xxx*
388 N Spare tips.
Order no.
Box of 10.
4-388N
~4–12 mm
004
003
002
001
Refill ink for edding flipchart markers
edding FTK 25
Water-based ink with neutral smell in a bottle
with capillary system. For refilling the flipchart
markers edding 380 and 383.
Simply insert the tip of the marker into
the refill bottle and after a few minutes
it is ready to use.
Contents 25 ml.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-FTK25xxx*
004
003
002
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com