Electronic Components Datasheet Search
  English  ▼

X  

4-BMA2 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # 4-BMA2
Description  Every edding a specialist
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-BMA2 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button 4-BMA2 Datasheet HTML 49Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 50Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 51Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 52Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 53Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 54Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 55Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 56Page - List of Unclassifed Manufacturers 4-BMA2 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
53
* = Display dimensions in mm width x depth x height · Colour chart see on page 63.
edding 2000 /2200 permanent markers
Display 51.005
Contents: 30 markers edding 2000 and 30 markers edding 2200.
Colours edding 2000: 18x 001, 5x 002, 5x 003, 2x 004.
Colours edding 2200: 18x 001, 5x 002, 5x 003, 2x 004.
Dimensions: 320 x 145 x 240 mm*
Order no. 4-51005
edding 750/751/753/780 paint markers
Display 50.538
Contents: 22 markers edding 750, 26 markers edding 751,
8 markers edding 753, 27 markers edding 780.
Colours edding 750: 2x 001, 1x 002–010, 2x 049, 3x 053, 3x 054, 3x 055.
Colours edding 751: 3x 001, 1x 002–010, 2x 049, 4x 053, 4x 054, 4x 055.
Colours edding 753: 4x 053, 4x 054.
Colours edding 780: 4x 001, 2x 002–004, 3x 049, 5x 053, 5x 054, 4x 055.
Dimensions: 190 x 147 x 240 mm*
Order no. 4-50538-1
edding 300 / 330 permanent markers
Display 51.003
Contents: 28 markers edding 300 and 28 markers edding 330.
Colours edding 300: 16x 001, 5x 002, 5x 003, 2x 004.
Colours edding 330: 16x 001, 5x 002, 5x 003, 2x 004.
Dimensions: 320 x 145 x 240 mm*
Order no. 4-51003
edding retract 34 highlighters
Display 51.512
Contents: 20 highlighters edding retract 34.
Colours: 12x 005, 4x 009, 4x 011.
Dimensions: 280 x 185 x 226 mm*
Order no. 4-51512
edding 345 highlighters
Display 50.491
Contents: 63 highlighters edding 345.
Colours: 18x 005, 9x 006, 9x 009–012.
Dimensions: 290 x 220 x 395 mm*
Order no. 4-50491
OFFICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com