Electronic Components Datasheet Search
  English  ▼

X  

3055 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3055
Description  MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3055 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3055 Datasheet HTML 1Page - Allegro MicroSystems 3055 Datasheet HTML 2Page - Allegro MicroSystems 3055 Datasheet HTML 3Page - Allegro MicroSystems 3055 Datasheet HTML 4Page - Allegro MicroSystems 3055 Datasheet HTML 5Page - Allegro MicroSystems 3055 Datasheet HTML 6Page - Allegro MicroSystems 3055 Datasheet HTML 7Page - Allegro MicroSystems 3055 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3055
MULTIPLEXED
TWO-WIRE HALL EFFECT
SENSOR IC
Electrical
Limits
Symbol
Min.
Typ.
Max.
Units
Power Supply Voltage
V
BUS
——
15
V
Signal Current
I
S
12
15
20
mA
Quiescent Current
V
BUS
= 6 V
I
QH
—
—
2.5
mA
V
BUS
= 9 V
I
QL
—
—
2.5
mA
I
QH
–I
QL
I
Q
—
—
300
µA
Address Range
Addr
1
—
30
—
Clock Thresholds
LOW to HIGH
V
CLH
—
—
8.5
V
HIGH to LOW
V
CHL
6.5
—
—
V
Hysteresis
V
CHYS
—
0.8
—
V
Clock Period
t
CLK
0.1
1.0
—
ms
Address LOW Voltage
V
L
V
RST
6V
CHL
V
Address HIGH Voltage
V
H
V
CLH
9V
BUS
V
Power-On Reset Voltage
V
RST
2.5
3.5
5.5
V
Settling Time
V
BUS
= 9 V
t
h
100
—
—
µs
V
BUS
= 6 V
t
l
100
—
—
µs
Propagation Delay
LOW to HIGH
t
plh
10
—
—
µs
HIGH to LOW
t
phl
——
10
µs
Pin 3 Input Resistance
No Magnetic Field (V
OUT
= HIGH)
R
OUTH
40
—
75
k
Ω
Mag. Field Present (V
OUT
= LOW)
R
OUTL
——
50
Ω
Magnetic Characteristics
Magnetic Thresholds
*Turn-On
B
OP
50
150
300
G
Turn-Off
B
RP
-25
100
300
G
Hysteresis (B
OP
–B
RP
)B
HYS
050
75
G
Characteristics
OPERATIONAL CHARACTERISTIC over operating temperature range.
*Alternate magnetic switch point specifications are available on request. Please contact the factory.
W
Copyright © 1988, 1991, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com